Electronic Components Datasheet Search
  English  ▼

X  

AIC1633CS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1633CS
Description  2-Cell, 200mA, Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1633CS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1633CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AIC1633
2-Cell, 200mA, Step-Up DC/DC Converter
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1633-03 Mar 15, 00
TEL: 886-3-5772500
FAX: 886-3-5772510
1
FEATURES
High Efficiency Up To 87%.
Adjustable Output Voltage with Two Resistors
(AIC1633A)
Power-Saving Shutdown Mode (7
µA typical).
Internal 0.8A Switch.
120KHz Switching Rate.
Adjustable Switch Current Limit.
On-Chip Low Battery Detector.
APPLICATIONS
Pocket Organizers.
Electronic Dictionaries.
Cameras.
Pagers.
Bar-Code Scanners.
LCD Displays.
Battery Backup Supplies.
Portable Instruments.
DESCRIPTION
The AIC1633 is a high efficiency step up DC/DC
converter. Only four external components are
required to deliver a fixed voltage of 3V, 3.3V, or
5V. The output voltage can be externally set to
an arbitrary value below breakdown voltage of
the power switch for AIC1633A. Efficiency
beyond 83% can be easily achieved at 70mA
load with 2.2V to 3V input voltages.
Logic-controlled shutdown mode is provided for
power saving. Switch current limit can be
programmed with a resistor. The low battery
detector can be configured as a linear regulator
or a burst mode controller performing an
extremely low supply current operation.
120KHz switching rate reduces the inductor size.
Inductors of 47
µH to 150µH inductance are
recommended for most applications.
TYPICAL APPLICATION CIRCUIT
AIC1633
100
µH
L
+VOUT (3.3V)
LOAD
22
µF
C1
22
µF
C2
TATAN
NORMAL
RILIM
SD
ILIM/SD
VOUT
VIN
LBI
SW
LBO
SGND
CGND
1N5819
D1
+
+
470
Ω
R1
10K
+VIN
NOTE: VIN≥1.8V, VOUT≤7V
High-Efficiency Step-Up DC/DC Converter


Similar Part No. - AIC1633CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CN AIC-AIC1630-3CN Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CS AIC-AIC1630-3CS Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CN AIC-AIC1630-5CN Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CS AIC-AIC1630-5CS Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
More results

Similar Description - AIC1633CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
2-Cell, 500mA, Step-Up DC/DC Converter
logo
ams AG
AS1320 AMSCO-AS1320 Datasheet
328Kb / 2P
200mA Step-Up DC-DC Converter
AS1320 AMSCO-AS1320_1 Datasheet
394Kb / 12P
200mA Step-Up DC-DC Converter
AS1337 AMSCO-AS1337 Datasheet
912Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
logo
Silicon Standard Corp.
SS6633 SSC-SS6633 Datasheet
584Kb / 10P
200mA Step-Up DC/DC Converter
logo
ams AG
AS1337 AMSCO-AS1337_1 Datasheet
923Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337_09 Datasheet
811Kb / 16P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1383 AMSCO-AS1383 Datasheet
1Mb / 22P
200mA, 3.5MHz DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
200mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com