Electronic Components Datasheet Search
  English  ▼

X  

AIC1633CS Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1633CS
Description  2-Cell, 200mA, Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1633CS Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1633CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AIC1633
6
PIN DESCRIPTIONS
AIC1633-30/ AIC1633-33 / AIC1633-50
PIN 1: ILIM/SD- 1. Connected to VIN pin through
a resistor to set the switch
peak current. It serves to
protect IC and inductor, as
well as to improve efficiency
and output ripples. However,
the current limit resistor limits
supply
capability
of
the
AIC1633.
(See
typical
performance characteristics).
The ILIM/SD pin should be
shorted to VIN pin if limiting
on switch peak current is not
intended.
2. The
AIC1633
goes
in
shutdown
mode
and
consumes less than 10
µA
when ILIM/SD pin is pulled to
ground.
PIN 2: VIN
- Input supply.
PIN 3: SW
- Drain of the power switch, to be
connected to inductor/ diode.
PIN 4:SGND - Ground connected to source of
power switch.
PIN 5:CGND - Ground for control circuits of the
IC. It should be separated from
SGND to avoid the interference.
PIN 6:LBO
- Open drain output of the battery
low detector, with 45
Ω “ON
resistance” at VIN=2V. It is pulled
low when the voltage on LBI pin
is below 1.22V.
PIN 7:LBI
- The noninverting input of the
battery low detector, of which the
inverting
input
is
internally
connects
to
1.22V
voltage
reference.
PIN 8:VOUT - The output voltage feedbacks to
the IC through this pin.
AIC1633A
PIN 1:ILIM/SD- 1. Connected to VIN pin through
a resistor to set the switch
peak current. It serves to
protect IC and inductor, as
well as to improve efficiency
and output ripples. However,
the current limit resistor limits
supply
capability
of
the
AIC1633A.
(See
typical
performance characteristics).
The ILIM/SD pin should be
shorted to VIN pin if limiting
on switch peak current is not
intended.
2. The
AIC1633A
goes
in
shutdown
mode
and
consumes less than 10
µA
when ILIM/SD pin is pulled to
ground.
PIN 2: VIN
- Input supply.
PIN 3: SW
- Drain of the power switch, to be
connected to inductor/ diode.
PIN 4: GND - Ground.
PIN 5: FB
- Output voltage can either be
internally
set
to
5
volt
by
grounding FB pin, or be externally
set to an arbitrary voltage by
applying to FB pin the divider
voltage of two divider resistors.
VOUT voltage is given by the
following equation:
1
0.617
V
R2
R1
OUT −
=
where R1 = Resistor
connected
between FB pin and VOUT pin.
R2 = Resistor connected between
FB pin and ground.
VOUT=Output voltage to be set.
PIN 6: LBO - Open drain output of the battery
low detector, with 45
Ω “ON
resistance” at VIN=2V. It is pulled
low when the voltage on LBI pin is
below 1.22V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com