Electronic Components Datasheet Search
  English  ▼

X  

AIC1633CS Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1633CS
Description  2-Cell, 200mA, Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1633CS Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1633CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AIC1633
8
APPLICATION EXAMPLES (CONTINUED)
470
Ω
R1
22
µF
C2
10
µF
C1
100
µH
L1
+VIN
+VOUT
+
+
LOAD
(+3V)
1N5819
D1
AIC1633-3
CGND
SGND
SW
ILIM/SD
VOUT
LBO
VIN
LBI
0
5
10
15
20
25
30
35
60
65
70
75
80
85
Load Current (mA)
VIN=1.6V
VIN=1.4V
VIN=1.2V
VIN=0.8V
VIN=1.0V
Start-Up V
IN Voltage = 1.4V
Fig. 3
1-Cell Input 3V Output Step-Up Converter
15K
2SB1424
Q1
10K
RILIM
20K
R4
3.3K
R2
(+5V)
+VOUT
1N5819
D1
+VIN
LOAD
470
Ω
150
µH
L1
C2
10
µF
R3
62K
10
µF
C4
+
C1
22
µF
+
+
R5
AIC1633-5
CGND
SGND
SW
ILIM/SD
VOUT
LBO
VIN
LBI
R1
Load Current (mA)
0
20
40
60
80
100 120 140
70
75
80
85
90
160 180 200 220 240
VIN=5V
VIN=4.5V
VIN=3.5V
VIN=4V
VIN=6V
VIN=7V
VIN=3V
Fig. 4
4-Cell Input Step-Up/ Step-Down Converter
2SB1424
Q1
24K
R5
(+3V)
+VOUT
1N5819
D1
+VIN
LOAD
1K
R1
10
µF
C1
1K
R2
82
µH
L1
33K
R4
22
µF
C3
+
10
µF
C2
+
AIC1633-3
CGND
SGND
SW
ILIM/SD
VOUT
LBO
VIN
LBI
1K
R3
+
+
VOUT Ripple May Be Large at VIN=3V Condition
0
20
40
60
80
100 120 140 160 180 200 220
75
80
85
90
95
100
Load Current (mA)
VIN=5V
VIN=4V
VIN=6V
VIN=7V
VIN=3V
Fig. 5 3-Cell Input 3V Output Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com