Electronic Components Datasheet Search
  English  ▼

X  

AIC1633CS Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1633CS
Description  2-Cell, 200mA, Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1633CS Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1633CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AIC1633
9
APPLICATION EXAMPLES (CONTINUED)
1N4148
D4
AIC1633-5
100
µF C1
IRFZ34
D1
MBR360
0.1
µF
C2
Q2
1N4148
D2
1N4148
220
µF
C4
(+5V)
VOUT
1N4148
D5
100
Ω
R4
50
µH
Q4
L1
+VIN
SW
SGND
CGND
LBO
LBI
VOUT
ILIM\SD
VIN
9014
ZD1
5.1V
10K
R2
9014
100K
R3
C3
10
µF
+
+
+
Q3
R1
4.3K
Q1
9014
D3
0.005
0.05
0.5
5
0
20
40
60
80
100
Load Current (mA)
VIN=8V
VIN=12V
VIN=16V
VIN=20V
Fig. 6 Boost-Driven 5V Output Step-Down Converter
1N5819
D1
22
µF
C2
+
AIC1631A
LOAD
ILIM/SD VOUT
VIN
LBI
SW
LBO
GND
FB
+V
IN
22
µF
C1
470
Ω
R1
+V
OUT
+
R2
R1
Fig.7
Adjustable Output Voltage Step-Up Converter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com