Electronic Components Datasheet Search
  English  ▼

X  

ADF4110BCP Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4110BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110BCP Datasheet(HTML) 5 Page - Analog Devices

  ADF4110BCP Datasheet HTML 1Page - Analog Devices ADF4110BCP Datasheet HTML 2Page - Analog Devices ADF4110BCP Datasheet HTML 3Page - Analog Devices ADF4110BCP Datasheet HTML 4Page - Analog Devices ADF4110BCP Datasheet HTML 5Page - Analog Devices ADF4110BCP Datasheet HTML 6Page - Analog Devices ADF4110BCP Datasheet HTML 7Page - Analog Devices ADF4110BCP Datasheet HTML 8Page - Analog Devices ADF4110BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD8348
Rev. A | Page 5 of 28
Parameter
Conditions
Min
Typ
Max
Unit
POWER-UP CONTROL
ENBL Threshold Low
Low = standby
0
VS/2
1
V
ENBL Threshold High
High = enable
VS − 1
VS/2
VS
V
Input Bias Current
2
μA
Power-Up Time
Time for final baseband amplifiers to be
within 90% of final amplitude
45
μs
Power-Down Time
Time for supply current to be <10% of
enabled value
700
ns
POWER SUPPLIES
VPOS1, VPOS2, VPOS3
Voltage
2.7
5.5
V
Current (Enabled)
VS = 5 V, VENBL = 5 V
38
48
58
mA
Current (Standby)
VS = 5 V, VENBL = 0 V
75
μA
1 These parameters are guaranteed but not tested in production. Limits are
±6 Σ from the mean.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com