Electronic Components Datasheet Search
  English  ▼

X  

ADF4110BCP Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4110BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110BCP Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4110BCP Datasheet HTML 13Page - Analog Devices ADF4110BCP Datasheet HTML 14Page - Analog Devices ADF4110BCP Datasheet HTML 15Page - Analog Devices ADF4110BCP Datasheet HTML 16Page - Analog Devices ADF4110BCP Datasheet HTML 17Page - Analog Devices ADF4110BCP Datasheet HTML 18Page - Analog Devices ADF4110BCP Datasheet HTML 19Page - Analog Devices ADF4110BCP Datasheet HTML 20Page - Analog Devices ADF4110BCP Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD8348
Rev. A | Page 17 of 28
IF FREQUENCY (MHz)
100
160
140
120
220
200
180
300
280
260
240
0
0.5
2.5
2.0
1.5
1.0
(SHUNT CAPACITANCE)
(SHUNT RESISTANCE)
Figure 43. Input Impedance of Mixer Input vs. FIF, VGIN = 0.7 V, VPOS = 5 V
0
180
30
330
60
90
270
300
120
240
150
210
IMPEDANCE CIRCLE
MX INPUTS WITH 4:1 BALUN
MXIP INPUT PIN
Figure 44. S11 of Mixer Input vs. FIF, FIF = 50 MHz to 1 GHz,
VGIN = 0.7 V, VPOS = 5 V (With and Without Balun)
EXTERNAL LO FREQUENCY (MHz)
–30
–15
–10
–5
–35
–25
–20
0
RETURN LOSS LOIP PIN SINGLE-ENDED,
LOIN AC-COUPLED TO GROUND.
Figure 45. Return Loss of LOIP Input vs. External LO Frequency
FREQUENCY APPLIED TO LOIP/LOIN (MHz)
–20
–15
–10
–5
–35
–30
–25
0
RETURN LOSS LO INPUT, THROUGH BALUN
WITH 60.4Ω IN SHUNT BETWEEN LOIP/LOIN
Figure 46. Return Loss of LO Input vs. External LO Frequency
Through Balun, with Termination Resistor
TEMPERATURE (°C)
50
55
60
35
40
45
65
–30
–40
–20 –10
0
10
20
30
40
50
60
70
80
VS = 5V
VS = 2.7V
Figure 47. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com