Electronic Components Datasheet Search
  English  ▼

X  

ADF4110BCP Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4110BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110BCP Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4110BCP Datasheet HTML 10Page - Analog Devices ADF4110BCP Datasheet HTML 11Page - Analog Devices ADF4110BCP Datasheet HTML 12Page - Analog Devices ADF4110BCP Datasheet HTML 13Page - Analog Devices ADF4110BCP Datasheet HTML 14Page - Analog Devices ADF4110BCP Datasheet HTML 15Page - Analog Devices ADF4110BCP Datasheet HTML 16Page - Analog Devices ADF4110BCP Datasheet HTML 17Page - Analog Devices ADF4110BCP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8348
Rev. A | Page 14 of 28
DEMODULATOR USING MXIP AND MXIN
IF FREQUENCY (MHz)
100
200
8.5
8.0
10.0
9.5
9.0
11.0
10.5
300
400
500
600
700
800
900
1000
TEMP = –40°C, VPOS = 5V
TEMP = +25°C,
VPOS = 5V
TEMP = +85°C,
VPOS = 2.7V
TEMP = +85°C, VPOS = 5V
TEMP = –40°C, VPOS = 2.7V
TEMP

= +25°C,
VPOS = 2.7V
Figure 30. Mixer Gain vs. FIF, VPOS = 2.7 V, 5 V, FBB = 1 MHz,
Temperature = −40°C, +25°C, +85°C
IF FREQUENCY (MHz)
100
200
–8.0
–6.5
–7.0
–7.5
–3.0
–2.5
–2.0
–3.5
–4.0
–4.5
–5.0
–5.5
–6.0
–1.5
300
400
500
600
700
800
900
1000
TEMP = –40°C, VPOS = 2.7V
TEMP = –40°C, VPOS = 5V
TEMP = +25°C, VPOS = 2.7V
TEMP = +25°C, VPOS = 5V
TEMP = +85°C, VPOS = 2.7V
TEMP = +85°C, VPOS = 5V
Figure 31. Input 1 dB Compression Point vs. FIF, FBB = 1 MHz, VPOS = 2.7 V, 5 V,
Temperature = −40°C, +25°C, +85°C
IF FREQUENCY (MHz)
50
150
10
14
21.0
13
12
11
17
16
15
18
250
350
450
550
650
750
850
950
IIP3 2.7V
IIP3 5V
NF 2.7V
NF 5V
19.0
20.5
20.0
19.5
23.0
22.5
22.0
21.5
Figure 32. IIP3 and Noise Figure vs. FIF, VPOS = 2.7 V, 5 V, Temperature = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com