Electronic Components Datasheet Search
  English  ▼

X  

ADF4110BCP Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4110BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110BCP Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4110BCP Datasheet HTML 20Page - Analog Devices ADF4110BCP Datasheet HTML 21Page - Analog Devices ADF4110BCP Datasheet HTML 22Page - Analog Devices ADF4110BCP Datasheet HTML 23Page - Analog Devices ADF4110BCP Datasheet HTML 24Page - Analog Devices ADF4110BCP Datasheet HTML 25Page - Analog Devices ADF4110BCP Datasheet HTML 26Page - Analog Devices ADF4110BCP Datasheet HTML 27Page - Analog Devices ADF4110BCP Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD8348
Rev. A | Page 28 of 28
OUTLINE DIMENSIONS
28
15
14
1
8°
0°
COMPLIANT TO JEDEC STANDARDS MO-153AE
SEATING
PLANE
COPLANARITY
0.10
1.20 MAX
6.40 BSC
0.65
BSC
PIN 1
0.30
0.19
0.20
0.09
4.50
4.40
4.30
0.75
0.60
0.45
9.80
9.70
9.60
0.15
0.05
Figure 65. 28-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-28)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8348ARU
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
AD8348ARU-REEL7
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package [TSSOP] 7”Tape and Reel
RU-28
AD8348ARUZ1
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
AD8348ARUZ-REEL71
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package [TSSOP] 7”Tape and Reel
RU-28
AD8348-EVAL
Evaluation Board
1 Z = Pb-free part.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03678-0-4/06(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com