Electronic Components Datasheet Search
  English  ▼

X  

ADF4110BCP Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4110BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110BCP Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4110BCP Datasheet HTML 18Page - Analog Devices ADF4110BCP Datasheet HTML 19Page - Analog Devices ADF4110BCP Datasheet HTML 20Page - Analog Devices ADF4110BCP Datasheet HTML 21Page - Analog Devices ADF4110BCP Datasheet HTML 22Page - Analog Devices ADF4110BCP Datasheet HTML 23Page - Analog Devices ADF4110BCP Datasheet HTML 24Page - Analog Devices ADF4110BCP Datasheet HTML 25Page - Analog Devices ADF4110BCP Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8348
Rev. A | Page 22 of 28
The level of the mixer output (or the output of the baseband
filter) can then be set by varying the setpoint voltage fed to
Pin 11 (VSET) of the AD8362.
Care should be taken to ensure that blockers—unwanted signals
in the band of interest that are demodulated along with the desired
signal—do not dominate the rms power of the AD8362 input.
This can cause an undesired reduction in the level of the mixer
output. To overcome this, baseband filtering can be implemented
to filter out undesired signals before the signal is presented to
the AD8362.
Figure 56 shows the effectiveness of the AGC loop in
maintaining a baseband amplifier output amplitude with less
than 0.5 dB of amplitude error over an IF input range of 40 dB
while demodulating a QPSK-modulated signal at 380 MHz.
The AD8362 is insensitive to crest factor variations and
therefore provides similar performance regardless of the
modulation of the incoming signal.
IFIP POWER INPUT (dBm, ZO = 200Ω)
–55
–45
70
90
80
120
110
100
140
130
–4
–2
–3
1
0
–1
3
2
–35
–25
–15
–5
5
QPSK
ERROR
–5.1dBm re 10kΩ
Figure 56. AD8348 Baseband Amplifier Output vs.
IF Input Power with AD8362 AGC Loop
BASEBAND FILTERS
Baseband low-pass or band-pass filtering can be conveniently
performed between the mixer outputs (IMXO and QMXO) and
the input to the baseband amplifiers. Consideration should be
given to the output impedance of the mixers (40 Ω).
L2
1.2µH
AD8348
IMXO
VCMO
IAIN
R1
60Ω
L1
0.68µH
C5
150pF
C6
82pF
R2
100Ω
C1
4.7pF
C2
8.2pF
TO AD8362
INPUT IF AGC
LOOP IS USED
Figure 57. Baseband Filter Schematic
Figure 57 shows the schematic for a 100 Ω, fourth-order elliptic
low-pass filter with a 3 dB cutoff frequency of 20 MHz. Source
and load impedances of approximately 100 Ω ensure that the
filter sees a matched source and load. This also ensures that the
mixer output is driving an overall load of 200 Ω. Note that the
shunt termination resistor is tied to the source driving VCMO
and not to ground. This ensures that the input to the baseband
amplifier is biased to the proper reference level. VCMO is not
an output pin and must be biased by a low impedance source.
The frequency response and group delay of this filter are shown
in Figure 58 and Figure 59.
FREQUENCY (MHz)
1
–80
–50
–40
–60
–70
–30
–20
–10
0
10
100
Figure 58. Baseband Filter Response
FREQUENCY (MHz)
1
0
15
20
10
5
25
30
35
40
45
50
10
100
1
2
Figure 59. Baseband Filter Group Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com