Electronic Components Datasheet Search
  English  ▼

X  

ADF4110BCP Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4110BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110BCP Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4110BCP Datasheet HTML 20Page - Analog Devices ADF4110BCP Datasheet HTML 21Page - Analog Devices ADF4110BCP Datasheet HTML 22Page - Analog Devices ADF4110BCP Datasheet HTML 23Page - Analog Devices ADF4110BCP Datasheet HTML 24Page - Analog Devices ADF4110BCP Datasheet HTML 25Page - Analog Devices ADF4110BCP Datasheet HTML 26Page - Analog Devices ADF4110BCP Datasheet HTML 27Page - Analog Devices ADF4110BCP Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD8348
Rev. A | Page 27 of 28
Table 6. Evaluation Board Configuration Options
Component
Function
Default Condition
VS, GND
Power supply and ground vector pins.
Not applicable
SW11, ENBL
Device enable: Place SW11 in the ENBL position to connect the ENBL pin to VS. Place SW11 in
the DENBL position to disable the device by grounding the Pin ENBL through a 50 Ω pull-down
resistor. The device can also be enabled via an external voltage applied to ENBL or VENB.
SW11 = ENBL
SW13, R15,
VGIN
Gain control selection: With SW13 in the POT position, the gain of the VGA can be set using the
R15 potentiometer. With SW13 in the EXT position, the VGA gain can be set by an external
voltage to the SMA connector VGIN. For VGA operation, the VGA must first be enabled by
setting SW12 to the IF position.
SW13 = POT
SW12
VGA enable selection: With SW12 in the IF position, the ENVG pin is connected to VS and the
VGA is enabled. The IF input should be used when SW12 is in the IF position. With SW12 in the
MX position, the ENVG pin is grounded and the VGA is disabled. The MX inputs should be used
when SW12 is in the MX position.
SW12 = IF
IFIP, R31, R32
IF inputs: The single-ended IF signal should be connected to this SMA connector. R31 and R32
form an L pad that presents a 50 Ω termination to the driving source. This L pad introduces an
11.46 dB loss in the input signal path and should be taken into consideration when calculating
the gain of the AD8348.
R31 = 57.6 Ω
R32 = 174 Ω
MXIP, MXIN,
T41,
R41, R42,
C42, C43
Mixer inputs: These inputs can be configured for either differential or single-ended operation.
The evaluation board is by default set for differential MX drive through a balun (T41) from a
single-ended source fed into the MXIP SMA connector. To change to a differential driving source,
T41 should be removed along with Resistor R42. The 0 Ω Resistors R43 and R44 should be installed in
place of T41 to bridge the gap between the input traces. This will present a nominal differential
impedance of 200 Ω (100 Ω per side). The differential inputs should then be fed into SMA
connectors MXIP and MXIN.
T41 = M/A-COM ETK4-2T;
R41= OPEN; C42, C43 =
1000 pF; R42 = 0 Ω
LK11, VCMO
Baseband amplifier output bias: Installing LK11 connects VREF to VCMO. This sets the bias level
on the baseband amplifiers to VREF, which is equal to approximately 1 V. Alternatively, with
LK11 removed, the bias level of the baseband amplifiers can be set by applying an external
voltage to the VCMO test point.
LK11 installed
C8, C9, R4, R5
(I and Q)
Baseband amplifier outputs and output filter: Additional low-pass filtering can be provided at
the baseband output with these filters.
R4, R5 = 0 Ω
C10 (I and Q)
Mixer output dc-blocking capacitors: The mixer outputs are biased to VCMO. To prevent
damage to test equipment that cannot tolerate dc biases, C10 is provided to block the dc
component, thus protecting the test equipment.
C10 = 0 Ω
C1 to C7,
R1, R2,
L1 to L3
(I and Q)
Baseband filter: These components are provided for baseband filtering between the mixer
outputs and the baseband amplifier inputs. The baseband amplifier input impedance is high
and the filter termination impedance is set by R2. See Table 7 for the jumper settings.
All = OPEN
LK5 (I and Q)
Offset compensation loop disable: Installing these jumpers will disable the offset compensation
loop for the corresponding channel.
LK5x = OPEN
Table 7. Filter-Jumper Configuration Options
Condition
LK1x
LK2x
LK3x
LK4x
xMXO to xAIN Directly
•
•
xMXO to xAIN via Filter
•
•
xMXO to J1x Directly, xAIN Unused
•
•
xMXO to J1x via Filter, xAIN Unused
•
•
Drive xAIN from J1x
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com