Electronic Components Datasheet Search
  English  ▼

X  

AFE032 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 4 Page - Texas Instruments

  AFE032 Datasheet HTML 1Page - Texas Instruments AFE032 Datasheet HTML 2Page - Texas Instruments AFE032 Datasheet HTML 3Page - Texas Instruments AFE032 Datasheet HTML 4Page - Texas Instruments AFE032 Datasheet HTML 5Page - Texas Instruments AFE032 Datasheet HTML 6Page - Texas Instruments AFE032 Datasheet HTML 7Page - Texas Instruments AFE032 Datasheet HTML 8Page - Texas Instruments AFE032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: Transmitter (continued)
At TCASE = +25°C, VPAVS = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PA OUTPUT
IO = 200-mA sourcing, 1-ms pulse
0.5
V
From PA_VS
IO = 1.5-A sourcing, 1-ms pulse
2.25
V
Voltage output
VO
swing
IO = 200 mA sinking, 1-ms pulse
0.5
V
From PA_GND
IO = 1.5-A sinking, 1-ms pulse
1.5
V
Pin 26 connected to ground,
Maximum continuous current, dc
1.9
A
REG_PA_CURRENT_CFG[5:4] = 11
Output resistance
IO = 1.9 A, f = 500 kHz
0.1
Ω
PA disabled output impedance
f = 100 kHz, PA_NRF enabled
130 || 105
k
Ω || pF
Resistor-selectable
RSET connected from pin 26 to ground
See the Application Information section
Pin 26 connected to ground,
1.25
A
REG_PA_CURRENT_CFG[5:4] = 00
Pin 26 connected to ground,
Output current
1.8
A
REG_PA_CURRENT_CFG[5:4] = 01
limit
Digitally-selectable(6)
Pin 26 connected to ground,
2.5
A
REG_PA_CURRENT_CFG[5:4] = 10
Pin 26 connected to ground,
3.0
A
REG_PA_CURRENT_CFG[5:4] = 11
PA THERMAL SHUTDOWN
Junction temperature at shutdown
+165
°C
Hysteresis
+15
°C
Return to normal operation
+150
°C
PA TSENSE DIODE
η
Diode ideality factor
1.03
PA GAIN
G
Nominal gain
PA_OUT / PA_IN
7.4(7)
V/V
GE
Gain error
TJ = –40°C to +125°C
–2%
0.1%
2%
Gain error drift
TJ = –40°C to +125°C
±5
ppm/°C
(6)
Refer to the Application Information section.
(7)
This gain reflects a direct measurement on the PA block by itself. The gain in the signal chain composed by Tx PGA, Tx Filter and PA
equals the Tx PGA gain multiplied by 7 V/V (where 7 V/V is the gain of the PA block when its input is capacitively coupled to the Tx
Filter output). Refer to the Power Amplifier Block section for more information.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com