Electronic Components Datasheet Search
  English  ▼

X  

AFE032 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 5 Page - Texas Instruments

  AFE032 Datasheet HTML 1Page - Texas Instruments AFE032 Datasheet HTML 2Page - Texas Instruments AFE032 Datasheet HTML 3Page - Texas Instruments AFE032 Datasheet HTML 4Page - Texas Instruments AFE032 Datasheet HTML 5Page - Texas Instruments AFE032 Datasheet HTML 6Page - Texas Instruments AFE032 Datasheet HTML 7Page - Texas Instruments AFE032 Datasheet HTML 8Page - Texas Instruments AFE032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
ELECTRICAL CHARACTERISTICS: Programmable Filter
At TCASE = +25°C, VPAVS = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOW-PASS FILTER (LPF)
CEN-A
1-dB gain flatness, TJ = –40°C to +125°C
94
102
110
kHz
Cutoff
CEN-B, CEN-C, CEN-D, FCC-LOW
1-dB gain flatness, TJ = –40°C to +125°C
148
160
172
kHz
frequencies
in Tx
ARIB STD-T84
1-dB gain flatness, TJ = –40°C to +125°C
405
435
475
kHz
mode(1)
G3-FCC
1-dB gain flatness, TJ = –40°C to +125°C
470
505
540
kHz
PA_NRF, TX_RX_NRF, and DAC,
Rx to Tx
80(2)
µs
TJ = –40°C to +125°C
Transition time
Tx to Rx
NRF enabled, TJ = –40°C to +125°C
30
µs
LPF OUTPUT
RO
Output impedance
f = 100 kHz
1
k
Ω
HIGH-PASS FILTER (HPF)
CEN-A, CEN-B, CEN-C, CEN-D,
1-dB gain flatness, TJ = –40°C to +125°C
30
35
40
kHz
ARIB STD-T84, FCC-LOW
G3-FCC
1-dB gain flatness, TJ = –40°C to +125°C
120
132
152
kHz
PA_NRF, TX_RX_NRF, and DAC,
Rx to Tx
30
µs
TJ = –40°C to +125°C
Transition time
Tx to Rx
NRF enabled, TJ = –40°C to +125°C
80(2)
µs
HPF OUTPUT
RO
Output impedance
f = 100 kHz
1
k
Ω
(1)
These cutoff frequencies are only valid when the filter is used as a low-pass filter. Refer to the Register Map section in the Application
Information for register settings.
(2)
See the Application Information section for the start-up procedure.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com