Electronic Components Datasheet Search
  English  ▼

X  

3957 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 3957
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3957 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3957 Datasheet HTML 1Page - Allegro MicroSystems 3957 Datasheet HTML 2Page - Allegro MicroSystems 3957 Datasheet HTML 3Page - Allegro MicroSystems 3957 Datasheet HTML 4Page - Allegro MicroSystems 3957 Datasheet HTML 5Page - Allegro MicroSystems 3957 Datasheet HTML 6Page - Allegro MicroSystems 3957 Datasheet HTML 7Page - Allegro MicroSystems 3957 Datasheet HTML 8Page - Allegro MicroSystems 3957 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
3957
FULL-BRIDGE PWM
MICROSTEPPING
MOTOR DRIVER
ELECTRICAL CHARACTERISTICS at TA = 25˚C, VBB = 5 V to 50 V, VCC = 4.5 V to 5.5 V (unless
otherwise noted.)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Circuitry (continued)
Mixed-Decay Comparator
VPFD
Slow Current-Decay Mode
3.5
—
—
V
Trip Points
Mixed Current-Decay Mode
1.2
—
2.9
V
Fast Current-Decay Mode
—
—
0.8
V
Mixed-Decay Comparator
VIO(PFD)
—0
±20
mV
Input Offset Voltage
Mixed-Decay Comparator
∆V
IO(PFD)
5.0
25
55
mV
Hysteresis
Reference Input Current
IREF
VREF = 0 V to 2.5 V
—
—
±5.0
µA
Reference Divider Ratio
VREF/VS
at trip, D0 = D1 = D2 = D3 = 2 V
—
3.0
—
—
Digital-to-Analog Converter
—
1.0 V < VREF ≤ 2.5 V
—
—
±3.0
%
Accuracy*
0.5 V < VREF ≤ 1.0 V
—
—
±4.0
%
Current-Sense Comparator
VIO(S)
VREF = 0 V
—
±16
—
mV
Input Offset Voltage*
Step Reference
SRCR
D0 = D1 = D2 = D3 = 0.8 V
—
0
—
%
Current Ratio
D1 = 2 V, D0 = D2 = D3 = 0.8 V
—
17.4
—
%
D0 = D1 = 2 V, D2 = D3 = 0.8 V
—
26.1
—
%
D2 = 2 V, D0 = D1 = D3 = 0.8 V
—
34.8
—
%
D0 = D2 = 2 V, D1 = D3 = 0.8 V
—
43.5
—
%
D1 = D2 = 2 V, D0 = D3 = 0.8 V
—
52.2
—
%
D0 = D1 = D2 = 2 V, D3 = 0.8 V
—
60.9
—
%
D3 = 2 V, D0 = D1 = D2 = 0.8 V
—
69.6
—
%
D0 = D3 = 2 V, D1 = D2 = 0.8 V
—
73.9
—
%
D1 = D3 = 2 V, D0 = D2 = 0.8 V
—
78.3
—
%
D0 = D1 = D3 = 2 V, D2 = 0.8 V
—
82.6
—
%
D2 = D3 = 2 V, D0 = D1 = 0.8 V
—
87.0
—
%
D0 = D2 = D3 = 2 V, D1 = 0.8 V
—
91.3
—
%
D1 = D2 = D3 = 2 V, D0 = 0.8 V
—
95.7
—
%
D0 = D1 = D2 = D3 = 2 V
—
100
—
%
Thermal Shutdown Temp.
TJ
—
165
—
°C
Thermal Shutdown Hyst.
∆T
J
—15
—
°C
Continued next page…
* The total error for the VREF/VS function is the sum of the D/A error and the current-sense comparator input offset voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com