Electronic Components Datasheet Search
  English  ▼

X  

3957 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3957
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3957 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3957 Datasheet HTML 1Page - Allegro MicroSystems 3957 Datasheet HTML 2Page - Allegro MicroSystems 3957 Datasheet HTML 3Page - Allegro MicroSystems 3957 Datasheet HTML 4Page - Allegro MicroSystems 3957 Datasheet HTML 5Page - Allegro MicroSystems 3957 Datasheet HTML 6Page - Allegro MicroSystems 3957 Datasheet HTML 7Page - Allegro MicroSystems 3957 Datasheet HTML 8Page - Allegro MicroSystems 3957 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3957
FULL-BRIDGE PWM
MICROSTEPPING
MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELECTRICAL CHARACTERISTICS at TA = 25˚C, VBB = 5 V to 50 V, VCC = 4.5 V to 5.5 V (unless
otherwise noted.)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Power Outputs
Load Supply Voltage Range
VBB
Operating, IOUT = ±1.5 A, L = 3 mH
VCC
—50
V
Output Leakage Current
ICEX
VOUT = VBB
<1.0
50
µA
VOUT = 0 V
<-1.0
-50
µA
Output Saturation Voltage
VCE(SAT)
VS = 1.0 V:
(Forward or Reverse Mode)
Source Driver, IOUT = -0.85 A
1.1
1.2
V
Source Driver, IOUT = -1.5 A
1.4
1.5
V
Sink Driver, IOUT = 0.85 A
0.5
0.7
V
Sink Driver, IOUT = 1.5 A
1.2
1.5
V
Sense Current Offset
ISO
IS - IOUT, IOUT = 850 mA,
20
30
40
mA
VS = 0 V, VCC = 5 V
Clamp Diode Forward Volt.
VF
IF = 0.85 A
1.2
1.4
V
(Sink or Source)
IF = 1.5 A
1.5
1.7
V
Motor Supply Current
IBB(ON)
2.0
4.0
mA
(No Load)
IBB(OFF)
D0 = D1 = D2 = D3 = 0.8 V
1.0
50
µA
Control Circuitry
Logic Supply Voltage Range
VCC
Operating
4.5
5.0
5.5
V
Reference Voltage Range
VREF
Operating
0.5
2.5
V
UVLO Enable Threshold
VCC = 0 → 5 V
3.35
3.70
4.05
V
UVLO Hysteresis
0.25
0.40
0.55
V
Logic Supply Current
ICC(ON)
—42
50
mA
ICC(OFF)
D0 = D1 = D2 = D3 = 0.8 V
14
17
mA
Logic Input Voltage
VIN(1)
2.0
V
VIN(0)
0.8
V
Logic Input Current
IIN(1)
VIN = 2.0 V
<1.0
20
µA
IIN(0)
VIN = 0.8 V
<-2.0
-200
µA
Continued next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com