Electronic Components Datasheet Search
  English  ▼

X  

3957 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 3957
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3957 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button 3957 Datasheet HTML 2Page - Allegro MicroSystems 3957 Datasheet HTML 3Page - Allegro MicroSystems 3957 Datasheet HTML 4Page - Allegro MicroSystems 3957 Datasheet HTML 5Page - Allegro MicroSystems 3957 Datasheet HTML 6Page - Allegro MicroSystems 3957 Datasheet HTML 7Page - Allegro MicroSystems 3957 Datasheet HTML 8Page - Allegro MicroSystems 3957 Datasheet HTML 9Page - Allegro MicroSystems 3957 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3957
FULL-BRIDGE PWM
MICROSTEPPING
MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELECTRICAL CHARACTERISTICS at TA = 25˚C, VBB = 5 V to 50 V, VCC = 4.5 V to 5.5 V (unless
otherwise noted.)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
AC Timing
PWM RC Fixed Off-time
tOFF RC
CT = 470 pF, RT = 43 kΩ
18.2
20.2
22.3
µs
PWM Turn-Off Time
tPWM(OFF)
Current-Sense Comparator Trip
—
1.0
1.5
µs
to Source OFF, IOUT = 100 mA
Current-Sense Comparator Trip
—
1.4
2.5
µs
to Source OFF, IOUT = 1.5 A
PWM Turn-On Time
tPWM(ON)
IRC Charge ON to Source ON,
—
0.4
0.7
µs
IOUT = 100 mA
IRC Charge ON to Source ON,
—
0.55
0.85
µs
IOUT = 1.5 A
PWM Minimum On Time
tON(min)
VCC = 5.0 V, RT ≥ 43 kΩ, CT = 470 pF
1.0
1.6
2.2
µs
IOUT = 100 mA
Crossover Dead Time
tCODT
1 k
Ω Load to 25 V
0.3
1.5
3.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com