Electronic Components Datasheet Search
  English  ▼

X  

3957 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3957
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3957 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3957 Datasheet HTML 1Page - Allegro MicroSystems 3957 Datasheet HTML 2Page - Allegro MicroSystems 3957 Datasheet HTML 3Page - Allegro MicroSystems 3957 Datasheet HTML 4Page - Allegro MicroSystems 3957 Datasheet HTML 5Page - Allegro MicroSystems 3957 Datasheet HTML 6Page - Allegro MicroSystems 3957 Datasheet HTML 7Page - Allegro MicroSystems 3957 Datasheet HTML 8Page - Allegro MicroSystems 3957 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The A3957SA and A3957SLB are designed for driving one winding of a
bipolar stepper motor in a microstepping mode. The outputs are rated for
continuous output currents to
±1.5 A and operating voltages to 50 V. Internal
pulse-width modulated (PWM) current control combined with an internal
four-bit nonlinear digital-to-analog converter allows the motor current to be
controlled in full-, half-, quarter-, eighth-, or sixteenth-step (microstepping)
modes. Nonlinear increments minimize the number of control lines necessary
for microstepping. Microstepping provides for increased step resolution, and
reduces torque variations and resonance problems at low speed.
Internal circuitry determines whether the PWM current-control circuitry
operates in a slow (recirculating) current-decay mode, fast (regenerative)
current-decay mode, or in a mixed current-decay mode in which the off time
is divided into a period of fast current decay with the remainder of the fixed
off time spent in slow current decay. The combination of user-selectable
current-sensing resistor and reference voltage, digitally selected output
current ratio; and slow, fast, or mixed current-decay modes provides users
with a broad, variable range of motor control.
Internal circuit protection includes thermal shutdown with hysteresis,
transient-suppression diodes, and crossover current protection. Special
power-up sequencing is not required.
The A3957S— is supplied in a choice of two power packages; a 16-pin
dual-in-line plastic package (suffix ‘A’), and a 24-lead plastic SOIC with
copper heat-sink tabs (suffix ‘LB’). The power tab is at ground potential and
needs no electrical isolation.
FEATURES
s
±1.5 A Continuous Output Current
s 50 V Output Voltage Rating
s Internal PWM Current Control
s 4-Bit Non-Linear DAC for 16-Bit Microstepping
s Satlington™ Sink Drivers
s Fast, Mixed Fast/Slow, and Slow Current-Decay Modes
s Internal Transient-Suppression Diodes
s Internal Thermal-Shutdown Circuitry
s Crossover-Current and UVLO Protection
FULL-BRIDGE PWM
MICROSTEPPING MOTOR DRIVER
3957
Always order by complete part number:
Part Number
Package
RθJA
RθJC
RθJT
A3957SA
16-pin DIP
60
°C/W
38
°C/W
—
A3957SLB
24-lead batwing SOIC
56
°C/W
—
6
°C/W
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, VBB . . . . . . . . . 50 V
Output Current, IOUT
(Continuous) . . . . . . . . . . . . .
±1.5 A*
Logic Supply Voltage, VCC . . . . . . .
7.0 V
Logic/Reference Input Voltage Range,
VIN . . . . . . . . . . -0.3 V to VCC + 0.3 V
Sense Voltage, VS . . . . . . . . . . . . . . .
1.0 V
Package Power Dissipation (TA = 25°C), PD
A3957SA . . . . . . . . . . . . . . . . 2.08 W†
A3957SLB . . . . . . . . . . . . . . . 2.23 W†
Operating Temperature Range,
TA . . . . . . . . . . . . . . . -20˚C to +85˚C
Junction Temperature, TJ . . . . . . . . +150˚C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -55˚C to +150˚C
* Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction temperature
of 150
°C.
† Per SEMI G42-88 Specification, Thermal Test
Board Standardization for Measuring Junction-
to-Ambient Thermal Resistance of Semiconductor
Packages..
GROUND
GROUND
LOGIC
SUPPLY
PHASE
GROUND
GROUND
RC
SENSE
D
Dwg. PP-056-4
REF
LOAD
SUPPLY
VCC
OUTB
OUTA
VBB
LOGIC
PFD
1
D 0
D 2
1
2
3
22
23
24
6
7
18
19
4
5
21
20
8
9
10
15
16
17
11
12
14
13
NO
CONNECT
NO
CONNECT
NO
CONNECT
D 3
NO
CONNECT
NO
CONNECT
NO
CONNECT
NO
CONNECT
NC
NC
NC
NC
NC
NC
NC
A3957SLB


Similar Part No. - 3957

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3957 POMONA-3957 Datasheet
50Kb / 1P
BNC (Male) to Multi-Stacking Banana Plugs
More results

Similar Description - 3957

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3955 ALLEGRO-3955 Datasheet
131Kb / 16P
FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
A3992 ALLEGRO-A3992 Datasheet
477Kb / 13P
DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3955 ALLEGRO-A3955 Datasheet
423Kb / 13P
Full-Bridge PWM Microstepping Motor Driver
logo
Shindengen Electric Mfg...
MTD2017F SHINDENGEN-MTD2017F Datasheet
91Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2018F SHINDENGEN-MTD2018F Datasheet
91Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
logo
Allegro MicroSystems
A4975 ALLEGRO-A4975 Datasheet
321Kb / 13P
Full-Bridge PWM Microstepping Motor Driver
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3955 ALLEGRO-A3955_12 Datasheet
520Kb / 14P
Full-Bridge PWM Microstepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com