Electronic Components Datasheet Search
  English  ▼

X  

3957 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # 3957
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3957 Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button 3957 Datasheet HTML 8Page - Allegro MicroSystems 3957 Datasheet HTML 9Page - Allegro MicroSystems 3957 Datasheet HTML 10Page - Allegro MicroSystems 3957 Datasheet HTML 11Page - Allegro MicroSystems 3957 Datasheet HTML 12Page - Allegro MicroSystems 3957 Datasheet HTML 13Page - Allegro MicroSystems 3957 Datasheet HTML 14Page - Allegro MicroSystems 3957 Datasheet HTML 15Page - Allegro MicroSystems 3957 Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
3957
FULL-BRIDGE PWM
MICROSTEPPING
MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Thermal Considerations. Thermal-protection circuitry turns
off all output transistors when the junction temperature reaches
approximately +165
°C. This is intended only to protect the
device from failures due to excessive junction temperatures and
should not imply that output short circuits are permitted. The
output transistors are re-enabled when the junction temperature
cools to approximately +150
°C.
Stepper Motor Applications. The A3957SB or A3957SLB are
used to optimize performance in microstepping/sinusoidal
Figure 5 — Microstepping/Sinusoidal Drive Current
Dwg. WK-004-5
SLOW DECAY
SLOW DECAY
MIXED DECAY
MIXED DECAY
stepper-motor drive applications (see figures 4 and 5). When
the load current is increasing, the slow current-decay mode is
used to limit the switching losses in the driver and iron losses in
the motor. This also improves the maximum rate at which the
load current can increase (as compared to fast decay) due to the
slow rate of decay during tOFF. When the load current is
decreasing, the mixed current-decay mode is used to regulate
the load current to the desired level. This prevents tailing of the
current profile caused by the back-EMF voltage of the stepper
motor (see figure 3A).
Figure 4 — Typical Application
D3B
D2B
D1B
D3A
Dwg. EP-047-5
47
µF
REF
V
PFD
V
V
BB
PHASE
+5 V
D0B
BRIDGE B
D1A
47
µF
+5 V
D2A
PHASE
A
11
V
BB
REF
PFD
D0A
BRIDGE A
B
V
V
V
CC
VBB
LOGIC
1
2
322
23
24
6
7
18
19
4
5
21
20
8
9
10
15
16
17
11
12
14
13
NC
NC
NC
NC
NC
NC
NC
VCC
VBB
NC
NC
NC
NC
NC
NC
NC
1
2
3
22
23
24
6
7
18
19
4
5
21
20
8
9
10
15
16
17
11
12
14
13
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com