Electronic Components Datasheet Search
  English  ▼

X  

3957 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # 3957
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3957 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button 3957 Datasheet HTML 5Page - Allegro MicroSystems 3957 Datasheet HTML 6Page - Allegro MicroSystems 3957 Datasheet HTML 7Page - Allegro MicroSystems 3957 Datasheet HTML 8Page - Allegro MicroSystems 3957 Datasheet HTML 9Page - Allegro MicroSystems 3957 Datasheet HTML 10Page - Allegro MicroSystems 3957 Datasheet HTML 11Page - Allegro MicroSystems 3957 Datasheet HTML 12Page - Allegro MicroSystems 3957 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3957
FULL-BRIDGE PWM
MICROSTEPPING
MOTOR DRIVER
Functional Description
Two A3957S— full-bridge PWM microstepping motor
drivers are needed to drive the windings of a bipolar stepper
motor. Internal pulse-width modulated (PWM) control circuitry
regulates each motor winding’s current. The peak motor
current is set by the value of an external current-sense resistor
(RS), a reference voltage (VREF), and the digital-to-analog
converter (DAC) data inputs (D0, D1, D2, and D3).
To improve motor performance, especially when using
sinusoidal current profiles necessary for microstepping, the
A3957S— has three distinct current-decay modes: slow decay,
fast decay, and mixed decay.
PHASE Input. The PHASE input controls the direction of
current flow in the load (table 1). An internally generated dead
time of approximately 1.5
µs prevents crossover currents that
could occur when switching the PHASE input.
DAC Data Inputs (D0, D1, D2, D3). A non-linear DAC is used
to digitally control the output current. The output of the DAC is
used to set the trip point of the current-sense comparator. Table
3 shows DAC output voltages for each input condition. When
D1, D2, and D3 are all logic low, all of the power output
transistors are turned off.
Internal PWM Current Control. Each motor driver IC
contains an internal fixed off-time PWM current-control circuit
that limits the load current to a desired value (ITRIP). Initially, a
diagonal pair of source and sink transistors are enabled and
current flows through the motor winding and RS (figure 1).
When the voltage across the sense resistor equals the DAC
output voltage, the current-sense comparator resets the PWM
latch, which turns off the source drivers (slow-decay mode) or
the sink and source drivers (fast- or mixed-decay mode).
With the DATA input lines tied to VCC, the maximum
value of current limiting is set by the selection of RS and VREF
with a transconductance function approximated by:
ITRIP ≈ VREF/3RS = IOUT + ISO.
where ISO is the sense-current offset due to the base-drive
current of the sink transistor (typically 30 mA). The actual peak
load current (IPEAK) will be slightly higher than ITRIP due to
internal logic and switching delays. The driver(s) remain off
for a time period determined by a user-selected external
resistor-capacitor combination (RTCT). At the end of the fixed
off time, the driver(s) are re-enabled, allowing the load current
to increase to ITRIP again, maintaining an average load current.
The current-sense comparator has a fixed offset of approxi-
mately 16 mV. With RS = 0.5 Ω, the sense-current offset (ISO)
is effectively cancelled (VIO(S) ≈ ISO • RS).
The DAC data input lines are used to provide up to eight
levels of output current. The internal 4-bit digital-to-analog
converter reduces the reference input to the current-sense
comparator in precise steps (the step reference current ratio or
SRCR) to provide half-step, quarter-step, eighth-step, or
“microstepping” load-current levels.
ITRIP ≈ SRCR x VREF/3RS
Slow Current-Decay Mode. When VPFD ≥ 3.5 V, the device is
in slow current-decay mode (the source drivers are disabled
when the load current reaches ITRIP). During the fixed off time,
the load inductance causes the current to recirculate through the
motor winding, sink driver, ground clamp diode, and sense
resistor (see figure 1). Slow-decay mode produces low ripple
current for a given fixed off time (see figure 2). Low ripple
current is desirable because the average current in the motor
winding is more nearly equal to the desired reference value,
resulting in increased motor performance in microstepping
applications.
For a given level of ripple current, slow decay affords the
lowest PWM frequency, which reduces heating in the motor and
driver IC due to a corresponding decrease in hysteretic core
losses and switching losses respectively. Slow decay also has
the advantage that the PWM load current regulation can follow
a more rapidly increasing reference before the PWM frequency
drops into the audible range. For these reasons slow-decay
mode is typically used as long as good current regulation can be
maintained.
Figure 1 — Load-Current Paths
Dwg. EP-006-15
R S
BB
V
DRIVE CURRENT
RECIRCULATION
(SLOW-DECAY MODE)
RECIRCULATION
(FAST-DECAY MODE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com