Electronic Components Datasheet Search
  English  ▼

X  

3962 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 3962
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3962 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3962 Datasheet HTML 1Page - Allegro MicroSystems 3962 Datasheet HTML 2Page - Allegro MicroSystems 3962 Datasheet HTML 3Page - Allegro MicroSystems 3962 Datasheet HTML 4Page - Allegro MicroSystems 3962 Datasheet HTML 5Page - Allegro MicroSystems 3962 Datasheet HTML 6Page - Allegro MicroSystems 3962 Datasheet HTML 7Page - Allegro MicroSystems 3962 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3962
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
FUNCTIONAL DESCRIPTION
Internal PWM Current Control. The A3962SLB contains
a fixed off-time pulse-width modulated (PWM) current-
control circuit that can be used to limit the load current to
a desired value. The peak value of the current limiting
(ITRIP) is set by the selection of an external current-sensing
resistor (RS) and reference input voltage (VREF IN). The
internal circuitry compares the voltage across the external
sense resistor to the voltage on the reference input
terminal (VREF IN) resulting in a transconductance function
approximated by:
The reference input voltage is typically set with a
resistor divider from VREF OUT. To ensure proper operation
of the voltage reference, the resistor divider (RD = R1+R2)
should have an impedance of 3 k
Ω to 15 kΩ. Within this
range, a low impedance will minimize the effect of the REF
IN input offset current.
The current-control circuitry limits the load current
as follows: when the load current reaches ITRIP, the
comparator resets a latch that turns off the selected source
driver. The load inductance causes the current to recircu-
late through the sink driver and flyback diode.
For each bridge, the user selects an external resistor
(RT) and capacitor (CT) to determine the time period
(tOFF = RTCT) during which the source driver remains
disabled (see “RC Fixed Off-time” below). The range of
recommended values for CT and RT are 1000 pF to
1500 pF and 15 k
Ω to 100 kΩ respectively. For optimal
load current regulation, CT is normally set to 1000 pF
(see “Load Current Regulation” below). At the end of the
RC interval, the source driver is enabled allowing the load
current to increase again. The PWM cycle repeats,
maintaining the peak load current at the desired value.
RC Blanking. In addition to determining the fixed off-time
of the PWM control circuit, the CT component sets the
comparator blanking time. This function blanks the output
of the comparator when the outputs are switched by the
internal current-control circuitry (or by the PHASE or
ENABLE inputs). The comparator output is blanked to
prevent false over-current detections due to reverse-
recovery currents of the clamp diodes, and/or switching
transients related to distributed capacitance in the load.
During internal PWM operation, at the end of the tOFF
time, the comparator’s output is blanked and CT begins to
be charged from approximately 1.1 volts by an internal
current source of approximately 1 mA. The comparator
output remains blanked until the voltage on CT reaches
approximately 3.0 volts.
When a transition of the PHASE input occurs, CT
is discharged to near ground during the crossover delay
time (the crossover delay time is present to prevent
simultaneous conduction of the source and sink drivers).
After the crossover delay, CT is charged by an internal
current source of approximately 1 mA. The comparator
output remains blanked until the voltage on CT reaches
approximately 3.0 volts.
When the device is disabled, via the ENABLE input,
CT is discharged to near ground. When the device is
re-enabled, CT is charged by an internal current source of
approximately 1 mA. The comparator output remains
blanked until the voltage on CT reaches approximately
3.0 volts.
The minimum recommended value for CT is
1000 pF. This value ensures that the blanking time is
sufficient to avoid false trips of the comparator under
normal operating conditions. For optimal regulation of the
load current, the above value for CT is recommended and
the value of RT can be sized to determine tOFF. For more
information regarding load current regulation, see below.
Load Current Regulation. Because the device operates
in a slow decay mode (2-quadrant PWM mode), there is
a limit to the lowest level that the PWM current control
circuitry can regulate load current. The limitation is due
to the minimum PWM duty cycle, which is a function of the
user-selected value of tOFF and the minimum on-time pulse
tON(min)max that occurs each time the PWM latch is reset.
If the motor is not rotating, as in the case of a stepper
motor in hold/detent mode, a brush dc motor when stalled
or at startup, the worst case value of current regulation can
be approximated by:
VREF IN
RS
ITRIP ≈
[(VBB - VSAT(SOURCE+SINK)) tON(min)max] – (1.05 (VSAT(SINK) + VF) tOFF)
1.05 (tON(min)max + tOFF) RLOAD
I AVG ≈



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com