Electronic Components Datasheet Search
  English  ▼

X  

3962 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3962
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3962 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3962 Datasheet HTML 1Page - Allegro MicroSystems 3962 Datasheet HTML 2Page - Allegro MicroSystems 3962 Datasheet HTML 3Page - Allegro MicroSystems 3962 Datasheet HTML 4Page - Allegro MicroSystems 3962 Datasheet HTML 5Page - Allegro MicroSystems 3962 Datasheet HTML 6Page - Allegro MicroSystems 3962 Datasheet HTML 7Page - Allegro MicroSystems 3962 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3962
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
FUNCTIONAL BLOCK DIAGRAM AND TYPICAL
BIPOLAR STEPPER MOTOR APPLICATION
TRUTH TABLE
ENABLE
PHASE
OUTA
OUTB
H
X
Off
Off
LH
H
L
LL
L
H
X = Irrelevant
50
75
100
125
150
2.5
1.5
1.0
0.5
0
TEMPERATURE in
°C
2.0
25
R
= 6
°C/W
θJT
R
= 60
°C/W
θJA
Dwg. GP-019-1
MOTOR SUPPLY
OUT
ENABLE 1
PHASE 1
CONTROL LOGIC
AND LEVEL SHIFT
OUT
1A
1B
C
V
BB
BB
V CC
CC
C
OUT
ENABLE 2
PHASE 2
OUT
2A
2B
RC
SENSE
R
C
1
1
T1
T1
S1
GND
REF
R
R
R
RC
S2
T2
1
OUT
IN
REF
SENSE
2
2
RC 2
RT2
BLANKING
TIME AND
SOURCE
DRIVER T
CONTROL
OFF
UVLO
AND
TSD
CONTROL LOGIC
AND LEVEL SHIFT
BLANKING
TIME AND
SOURCE
DRIVER T
CONTROL
OFF
VOLTAGE
REFERENCE
+
_
LOGIC SUPPLY
+
_
Copyright © 1995 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com