Electronic Components Datasheet Search
  English  ▼

X  

3962 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3962
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3962 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3962 Datasheet HTML 1Page - Allegro MicroSystems 3962 Datasheet HTML 2Page - Allegro MicroSystems 3962 Datasheet HTML 3Page - Allegro MicroSystems 3962 Datasheet HTML 4Page - Allegro MicroSystems 3962 Datasheet HTML 5Page - Allegro MicroSystems 3962 Datasheet HTML 6Page - Allegro MicroSystems 3962 Datasheet HTML 7Page - Allegro MicroSystems 3962 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3962
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
DISCONTINUED
PRODUCT
FOR
REFERENCE
ONL
Y
See
A3964SLB
DUAL FULL-BRIDGE PWM MOTOR DRIVER
Always order by complete part number: A3962SLB .
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, VBB . . . . . . . . . 30 V
Output Current, IOUT . . . . . . . . . .
±800 mA*
Logic Supply Voltage, VCC . . . . . . . . . 7.0 V
Logic Input Voltage Range,
VIN . . . . . . . . . . . -0.3 V to VCC + 0.3 V
Sense Voltage, VSENSE . . . . . . . . . . . . 1.0 V
Reference Output Current,
IREF OUT . . . . . . . . . . . . . . . . . . . 1.0 mA
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . .
-20˚C to +85˚C
Junction Temperature, TJ . . . . . . . +150˚C†
Storage Temperature Range,
TS . . . . . . . . . . . . . . .
-55˚C to +150˚C
* Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction tempera
ture of 150˚C.
† Fault conditions that produce excessive junction
temperature will activate the device’s thermal
shutdown circuitry. These conditions can be
tolerated but should be avoided.
Designed for pulse-width modulated (PWM) current control of
bipolar stepper motors, the A3962SLB is capable of continuous output
currents to
±800 mA and operating voltages to 30 V. Internal fixed
off-time PWM current-control circuitry can be used to regulate the
maximum load current to a desired value. An internal precision voltage
reference is provided to improve motor peak-current control accuracy.
The peak load current limit is set by the user’s selection of an external
resistor divider and current-sensing resistors.
The fixed off-time pulse duration is set by user-selected external
RC timing networks. The capacitor in the RC timing network also
determines a user-selectable blanking window that prevents false
triggering of the PWM current control circuitry during switching transi-
tions. This eliminates the need for two external RC filter networks on
the current-sensing comparator inputs.
For each bridge the PHASE input controls load current polarity by
selecting the appropriate source and sink driver pair. For each bridge
the ENABLE input, when held high, disables the output drivers. Spe-
cial power-up sequencing is not required. Internal circuit protection
includes thermal shutdown with hysteresis, transient-suppression
diodes, and crossover-current protection.
The A3962SLB is supplied in a 20-lead plastic SOIC with copper
heat sink tabs. The power tab is at ground potential and needs no
electrical isolation.
FEATURES
s
±800 mA Continuous Output Current Rating
s 30 V Output Voltage Rating
s Internal PWM Current Control, Saturated Sink Drivers
s Internally Generated Precision 2.5 V Reference
s Internal Transient-Suppression Diodes
s Internal Thermal-Shutdown Circuitry
s Crossover-Current Protection, UVLO Protection
s Automotive Capable
3962
1
VBB
2
1
2
3
4
5
6
7
9
20
19
18
17
16
15
14
13
12
11
10
9
8
θ
2
θ
1
V
CC
GROUND
GROUND
GROUND
GROUND
PHASE 2
V REF(OUT)
2
RC
1
RC
V
REF(IN)
PHASE 1
2B
OUT
SENSE 2
2A
OUT
1A
OUT
SENSE 1
1B
OUT
LOAD
SUPPLY
LOGIC
SUPPLY
Dwg. PP-047-1
ENABLE 1
ENABLE 2


Similar Part No. - 3962

ManufacturerPart #DatasheetDescription
logo
Littelfuse
396 LITTELFUSE-396 Datasheet
81Kb / 2P
SUBMINIATURE FUSES
logo
Energizer
396 ENERGIZER-396 Datasheet
534Kb / 1P
Silver Oxide Batteries
logo
EDAC, All Rights Reserv...
396 EDAC-396 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
logo
PANAVISE PRODUCTS, INC.
396 PANAVISE-396 Datasheet
1Mb / 8P
Precision Vise Combinations
logo
Littelfuse
396 LITTELFUSE-396 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 3962

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8412 TI-DRV8412 Datasheet
1Mb / 28P
Dual Full Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com