Electronic Components Datasheet Search
  English  ▼

X  

3962 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3962
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3962 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3962 Datasheet HTML 1Page - Allegro MicroSystems 3962 Datasheet HTML 2Page - Allegro MicroSystems 3962 Datasheet HTML 3Page - Allegro MicroSystems 3962 Datasheet HTML 4Page - Allegro MicroSystems 3962 Datasheet HTML 5Page - Allegro MicroSystems 3962 Datasheet HTML 6Page - Allegro MicroSystems 3962 Datasheet HTML 7Page - Allegro MicroSystems 3962 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3962
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
Load Supply Voltage Range
VBB
Operating, IOUT = ±800 mA, L = 3 mH
5.0
30
V
Output Sustaining Voltage
VCE(sus)
IOUT = ±800 mA, L = 3 mH
30 +VF
V
Output Leakage Current
ICEX
VOUT = VBB
<1.0
50
µA
VOUT = 0 V
<1.0
-50
µA
Output Saturation Voltage
VCE(SAT)
Source Driver, IOUT = -500 mA
1.0
1.2
V
Source Driver, IOUT = -750 mA
1.1
1.5
V
Source Driver, IOUT = -800 mA
1.7
V
Sink Driver, IOUT = +500 mA
0.3
0.6
V
Sink Driver, IOUT = +750 mA
0.5
1.2
V
Sink Driver, IOUT = +800 mA
1.5
V
Clamp Diode Forward Voltage
VF
IF = 500 mA
1.1
1.4
V
(Sink or Source)
IF = 750 mA
1.3
1.6
V
IF = 800 mA
1.7
V
Motor Supply Current
IBB(ON)
VENABLE = 0.8 V
5.0
7.0
mA
(No Load)
IBB(OFF)
VENABLE = 2.4 V
5.0
7.0
mA
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 30 V, VCC = 4.75 V to 5.25 V, VSENSE = 0
V, 30 k& 1000 pF RC to Ground (unless noted otherwise)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers
Continued next page…
Logic Supply Voltage Range
VCC
Operating
4.75
5.25
V
Logic Input Voltage
VIN(1)
2.4
V
VIN(0)
0.8
V
Logic Input Current
IIN(1)
VIN = 2.4 V
<1.0
20
µA
IIN(0)
VIN = 0.8 V
<-2.0
-200
µA
Control Logic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com