Electronic Components Datasheet Search
  English  ▼

X  

3962 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3962
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3962 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3962 Datasheet HTML 1Page - Allegro MicroSystems 3962 Datasheet HTML 2Page - Allegro MicroSystems 3962 Datasheet HTML 3Page - Allegro MicroSystems 3962 Datasheet HTML 4Page - Allegro MicroSystems 3962 Datasheet HTML 5Page - Allegro MicroSystems 3962 Datasheet HTML 6Page - Allegro MicroSystems 3962 Datasheet HTML 7Page - Allegro MicroSystems 3962 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3962
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
Reference Output Voltage
VREF OUT
VCC = 5.0 V, IREF OUT = 90 to 900 µA
2.45
2.50
2.55
V
Reference Output Current
IREF OUT
3 k
Ω ≤ R
D = R1 + R2 ≤ 15 kΩ
150
900
µA
Ref. Input Offset Current
IOS
VREF IN = 1 V
-2.5
0
1.0
µA
Comparator Input Offset Volt.
VIO
VREF = 0 V
-6.0
0
6.0
mV
Comparator Input Volt. Range
VREF
Operating
-0.3
1.0
V
PWM RC Fixed Off-time
tOFF RC
CT = 1000 pF, RT = 30 kΩ
27
30
33
µs
PWM Propagation Delay Time
tPWM
Comparator Trip to Source OFF
1.2
2.0
µs
PWM Minimum On Time
tON (min)
CT = 1000 pF ± 5%, RT ≥ 15 kΩ, VCC = 5 V
2.5
3.6
µs
Propagation Delay Times
tpd
IOUT = ±800 mA, 50% to 90%:
ENABLE ON to Source ON
3.2
µs
ENABLE OFF to Source OFF
1.2
µs
ENABLE ON to Sink ON
3.2
µs
ENABLE OFF to Sink OFF
0.7
µs
PHASE Change to Sink ON
3.2
µs
PHASE Change to Source ON
3.2
µs
PHASE Change to Sink OFF
0.7
µs
PHASE Change to Source OFF
1.2
µs
Thermal Shutdown Temp.
TJ
165
°C
Thermal Shutdown Hysteresis
∆T
J
—15
°C
UVLO Disable Threshold
2.5
2.7
2.9
V
UVLO Hysteresis
0.7
0.9
1.1
V
Logic Supply Current
ICC(ON)
VENABLE1 = VENABLE2 = 0.8 V
60
85
mA
ICC(OFF)
VENABLE1 = VENABLE2 = 2.4 V
11
17
mA
Logic Supply Current
∆I
CC(ON)
VENABLE 1 = VENABLE 2 = 0.8 V
0.18
mA/
°C
Temperature Coefficient
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 30 V, VCC = 4.75 V to 5.25 V, VSENSE = 0
V, 30 k& 1000 pF RC to Ground (unless noted otherwise) (cont.)
Control Logic (Continued)
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com