Electronic Components Datasheet Search
  English  ▼

X  

LMP91050 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91050
Description  LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91050 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP91050 Datasheet HTML 2Page - Texas Instruments LMP91050 Datasheet HTML 3Page - Texas Instruments LMP91050 Datasheet HTML 4Page - Texas Instruments LMP91050 Datasheet HTML 5Page - Texas Instruments LMP91050 Datasheet HTML 6Page - Texas Instruments LMP91050 Datasheet HTML 7Page - Texas Instruments LMP91050 Datasheet HTML 8Page - Texas Instruments LMP91050 Datasheet HTML 9Page - Texas Instruments LMP91050 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LMP91050
SNAS517D – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
The following specifications apply for VDD = 3.3V, VCM = 1.15V, Bold values for TA = -40°C to +85°C unless otherwise
specified. All other limits apply to TA = TJ = +25°C.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
Gain = 167 V/V
–0.525
0.525
Gain = 335 V/V
–0.60
0.60
Gain = 669 V/V
–0.90
0.90
Gain = 1335 V/V
–1.50
1.50
Output Offset Voltage
TCVOS
mV/°C
Temperature Drift (5)
Gain = 1002 V/V
–1.20
1.20
Gain = 2004 V/V
–1.90
1.90
Gain = 4003 V/V
–3.70
3.70
Gain = 7986V/V
–7.10
7.10
Common Mode Generator
1.15 or
VCM
Common Mode Voltage
V
Programmable, see Common Mode Generation
2.59
VCM accuracy
2
%
CLOAD
CMOut Load Capacitance
10
nF
SPI Interface
(1)
The following specifications apply for VDD = 3.3V, VCM = 1.15V, CL = 15pF, Bold values for TA = -40°C to +85°C unless
otherwise specified. All other limits apply to TA = TJ = +25°C.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
0.7
VIH
Logic Input High
V
× VDD
VIL
Logic Input Low
0.8
V
VOH
Logic Output High
2.6
V
VOL
Logic Output Low
0.4
V
–100
100
IIH/IIL
Input Digital Leakage Current
nA
–200
200
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Timing Characteristics
(1)
The following specifications apply for VDD = 3.3V, VCM = 1.15V, CL = 15pF, Bold values for TA = -40°C to +85°C unless
otherwise specified. All other limits apply to TA = TJ = +25°C.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
tWU
Wake up time
1
ms
fSCLK
Serial Clock Frequency
10
MHz
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP91050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com