Electronic Components Datasheet Search
  English  ▼

X  

LMP91050 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91050
Description  LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91050 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP91050 Datasheet HTML 7Page - Texas Instruments LMP91050 Datasheet HTML 8Page - Texas Instruments LMP91050 Datasheet HTML 9Page - Texas Instruments LMP91050 Datasheet HTML 10Page - Texas Instruments LMP91050 Datasheet HTML 11Page - Texas Instruments LMP91050 Datasheet HTML 12Page - Texas Instruments LMP91050 Datasheet HTML 13Page - Texas Instruments LMP91050 Datasheet HTML 14Page - Texas Instruments LMP91050 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
100m
1
10
100
1k
10k
0
20
40
60
80
100
120
140
FREQUENCY (Hz)
0
50
100
150
200
250
300
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
DAC CODE
VDD = 3.3V
G = 1002 V/V
G = 2004 V/V
G = 4003 V/V
G = 7986 V/V
10k
100k
1M
10M
0
10
20
30
40
FREQUENCY (Hz)
G = 32 V/V
G = 16 V/V
G = 8 V/V
G = 4 V/V
10
100
1k
60
70
80
90
100
110
120
FREQUENCY (Hz)
G = 7986 V/V
G = 4003 V/V
G = 2004 V/V
G = 1002 V/V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
50
55
60
65
70
VDD (V)
G = 1002 V/V
1k
10k
100k
1M
0
10
20
30
40
50
60
FREQUENCY (Hz)
G = 250 V/V
G = 42 V/V
LMP91050
www.ti.com
SNAS517D – NOVEMBER 2011 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VDD = +3.3V, VCM = 1.15V, and TA = 25°C unless otherwise noted
Output Offset vs. Supply Voltage
PGA1 Small Signal Bandwidth
Figure 22.
Figure 23.
PGA2 Small Signal Bandwidth
Power Supply Rejection Ratio vs. Frequency
Figure 24.
Figure 25.
Input-Referred Noise Density vs. Frequency
DAC DC Sweep
Figure 26.
Figure 27.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP91050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com