Electronic Components Datasheet Search
  English  ▼

X  

LMP91050 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91050
Description  LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91050 Datasheet(HTML) 1 Page - Texas Instruments

  LMP91050 Datasheet HTML 1Page - Texas Instruments LMP91050 Datasheet HTML 2Page - Texas Instruments LMP91050 Datasheet HTML 3Page - Texas Instruments LMP91050 Datasheet HTML 4Page - Texas Instruments LMP91050 Datasheet HTML 5Page - Texas Instruments LMP91050 Datasheet HTML 6Page - Texas Instruments LMP91050 Datasheet HTML 7Page - Texas Instruments LMP91050 Datasheet HTML 8Page - Texas Instruments LMP91050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LMP91050
www.ti.com
SNAS517D – NOVEMBER 2011 – REVISED MARCH 2013
LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
Check for Samples: LMP91050
1
FEATURES
DESCRIPTION
The LMP91050 is a programmable integrated Sensor
2
•
Programmable Gain Amplifier
Analog Front End (AFE) optimized for thermopile
•
“Dark Signal” Offset Cancellation
sensors, as typically used in NDIR applications. It
•
Supports External Filtering
provides a complete signal path solution between a
sensor and microcontroller that generates an output
•
Common Mode Generator and 8 bit DAC
voltage proportional to the thermopile voltage. The
LMP91050's programmability enables it to support
APPLICATIONS
multiple thermopile sensors with a single design as
•
NDIR Sensing
opposed to the multiple discrete solutions.
•
Demand Control Ventilation
The
LMP91050
features
a
programmable
gain
•
Building Monitoring
amplifier (PGA), “dark phase” offset cancellation, and
an adjustable common mode generator (1.15V or
•
CO2 Cabin Control — Automotive
2.59V) which increases output dynamic range. The
•
Alcohol Detection — Automotive
PGA offers a low gain range of 167V/V to 1335V/V
•
Industrial Safety and Security
plus a high gain range of 1002V/V to 7986V/V which
enables the user to utilize thermopiles with different
•
GHG & Freons Detection Platforms
sensitivities. The PGA is highlighted by low gain drift
(100 ppm/°C), output offset drift (1.2mV/°C at G =
KEY SPECIFICATIONS
1002 V/V), phase delay drift (500ns) and noise
•
Programmable gain 167 to 7986 V/V
specifications (0.1
μVRMS 0.1 to 10Hz) . The offset
cancellation circuitry compensates for the “dark
•
Low noise (0.1 to 10 Hz) 0.1
μVRMS
signal” by adding an equal and opposite offset to the
•
Gain Drift 100 ppm/°C (max)
input of the second stage, thus removing the original
•
Phase Delay Drift 500 ns (max)
offset from the output signal. This offset cancellation
circuitry allows optimized usage of the ADC full scale
•
Power supply voltage range 2.7 to 5.5 V
and relaxes ADC resolution requirements.
The LMP91050 allows extra signal filtering (high
pass, low pass or band pass) through dedicated pins
A0 and A1, in order to remove out of band noise. The
user can program through the on board SPI interface.
Available in a small form factor 10–pin package, the
LMP91050 operates from -40 to +105°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP91050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
1Mb / 28P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91050MM TI1-LMP91050MM Datasheet
653Kb / 19P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91050MM/NOPB TI1-LMP91050MM/NOPB Datasheet
1Mb / 28P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91050MME TI1-LMP91050MME Datasheet
653Kb / 19P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
More results

Similar Description - LMP91050

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
Configurable AFE for Low-Power Chemical Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
logo
Zhengzhou Winsen Electr...
MH-440D WINSEN-MH-440D Datasheet
780Kb / 5P
NDIR Infrared CH4 Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com