Electronic Components Datasheet Search
  English  ▼

X  

LMP91050 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91050
Description  LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91050 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP91050 Datasheet HTML 5Page - Texas Instruments LMP91050 Datasheet HTML 6Page - Texas Instruments LMP91050 Datasheet HTML 7Page - Texas Instruments LMP91050 Datasheet HTML 8Page - Texas Instruments LMP91050 Datasheet HTML 9Page - Texas Instruments LMP91050 Datasheet HTML 10Page - Texas Instruments LMP91050 Datasheet HTML 11Page - Texas Instruments LMP91050 Datasheet HTML 12Page - Texas Instruments LMP91050 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
-50
-25
0
25
50
75
100
2008
2009
2010
2011
2012
2013
2014
TEMPERATURE (°C)
-50
-25
0
25
50
75
100
8.6
8.7
8.8
8.9
9.0
9.1
9.2
9.3
TEMPERATURE (°C)
-50
-25
0
25
50
75
100
671.7
671.8
671.9
672.0
672.1
672.2
672.3
672.4
672.5
TEMPERATURE (°C)
-50
-25
0
25
50
75
100
1008
1009
1010
1011
TEMPERATURE (°C)
-50
-25
0
25
50
75
100
167.8
167.9
168.0
168.1
168.2
168.3
168.4
TEMPERATURE (°C)
-50
-25
0
25
50
75
100
335.4
335.5
335.6
335.7
335.8
335.9
336.0
TEMPERATURE (°C)
LMP91050
www.ti.com
SNAS517D – NOVEMBER 2011 – REVISED MARCH 2013
Typical Performance Characteristics
VDD = +3.3V, VCM = 1.15V, and TA = 25°C unless otherwise noted
Gain = 167 V/V vs. Temperature
Gain = 335 V/V vs. Temperature
Figure 10.
Figure 11.
Gain = 669 V/V vs. Temperature
Gain = 1002 V/V vs. Temperature
Figure 12.
Figure 13.
Gain = 2004 V/V vs. Temperature
Phase Delay vs. Temperature
Figure 14.
Figure 15.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP91050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com