Electronic Components Datasheet Search
  English  ▼

X  

LMP91050 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91050
Description  LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91050 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP91050 Datasheet HTML 10Page - Texas Instruments LMP91050 Datasheet HTML 11Page - Texas Instruments LMP91050 Datasheet HTML 12Page - Texas Instruments LMP91050 Datasheet HTML 13Page - Texas Instruments LMP91050 Datasheet HTML 14Page - Texas Instruments LMP91050 Datasheet HTML 15Page - Texas Instruments LMP91050 Datasheet HTML 16Page - Texas Instruments LMP91050 Datasheet HTML 17Page - Texas Instruments LMP91050 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
1
2
3
4
5
6
7
8
9
10
10m
100m
1
10
100
TEMPERATURE DRIFT (°C)
12 bit Accuracy
11 bit Accuracy
10 bit Accuracy
9 bit Accuracy
8 bit Accuracy
LMP91050
SNAS517D – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
Figure 30. System Accuracy vs. TCVOS and Temperature Drift
COMMON MODE GENERATION
As the sensor's offset is bipolar, there is a need to supply a VCM to the sensor. This can be programmed as
1.15V or 2.59V (approximately mid rail of 3.3V or 5V supply). It is not recommended to use 2.59V VCM with 3.3V
supply
SPI INTERFACE
An SPI interface is available in order to program the device parameters like PGA gain of two stages, enabling
external filter, enabling power for PGAs, offset adjust and common mode (VCM) voltage.
Interface Pins
The Serial Interface consists of SDIO (Serial Data Input / Output), SCLK (Serial Interface Clock) and CSB (Chip
Select Bar). The serial interface is write-only by default. Read operations are supported after unlocking the
SDIO_MODE_PASSWD. This is discussed in detail later in the document.
CSB
Chip Select is a active-low signal. CSB needs to be asserted throughout a transaction. That is, CSB should not
pulse between the Instruction Byte and the Data Byte of a single transaction.
Note that CSB de-assertion always terminates an on-going transaction, if it is not already complete. Likewise,
CSB assertion will always bring the device into a state, ready for next transaction, regardless of the termination
status of a previous transaction.
CSB may be permanently tied low for a 2-wire SPI communication protocol.
SCLK
SCLK can idle High or Low for a write transaction. However, for a READ transaction, SCLK should idle high.
SCLK features a Schmitt-triggered input and although it has hysterisis, it is recommened to keep SCLK as clean
as possible to prevent glitches from inadvertently spoiling the SPI frame.
Communication Protocol
Communication on the SPI normally involves Write and Read transactions. Write transaction consists of single
Write Command Byte, followed by single Data byte. The following figure shows the SPI Interface Protocol for
write transaction.
14
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP91050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com