Electronic Components Datasheet Search
  English  ▼

X  

MP1474 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1474
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1474 Datasheet HTML 1Page - Monolithic Power Systems MP1474 Datasheet HTML 2Page - Monolithic Power Systems MP1474 Datasheet HTML 3Page - Monolithic Power Systems MP1474 Datasheet HTML 4Page - Monolithic Power Systems MP1474 Datasheet HTML 5Page - Monolithic Power Systems MP1474 Datasheet HTML 6Page - Monolithic Power Systems MP1474 Datasheet HTML 7Page - Monolithic Power Systems MP1474 Datasheet HTML 8Page - Monolithic Power Systems MP1474 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP1474 – SYNCHRONOUS STEP-DOWN CONVERTER
MP1474 Rev. 1.0
www.MonolithicPower.com
4
9/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L=5.5μH, TA = 25°C, unless otherwise noted.
4
6
8
10
12
14
16
18
INPUT VOLTAGE(V)
2.5
2.8
3.1
3.4
3.7
4
4.3
25 30 35 40 45 50 55 60 65 70 75
Load Regulation
VIN=5-16V, IOUT=0-2A
Peak Current
vs. Duty Cycle
Disabled Supply Current
vs. Input Voltage
VEN=0V
Enabled Supply Current
vs. Input Voltage
VFB=1V
Line Regulation
VIN=5V-16V
OUTPUT CURRENT (A)
INPUT VOLTAGE(V)
INPUT VOLTAGE(V)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
0.4
0.8
1.2
1.6
2
VIN=12V
VIN=16V
VIN=5V
-0.5
-0.3
-0.1
0.1
0.3
0.5
56 789 10 11 12 13 14 15 16
IOUT=0A
IOUT=1A
IOUT=2A
-10
-7
-4
-1
2
5
8
11
14
17
20
0
5
10
15
20
400
450
500
550
600
650
700
750
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com