Electronic Components Datasheet Search
  English  ▼

X  

MP1474 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1474
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1474 Datasheet HTML 1Page - Monolithic Power Systems MP1474 Datasheet HTML 2Page - Monolithic Power Systems MP1474 Datasheet HTML 3Page - Monolithic Power Systems MP1474 Datasheet HTML 4Page - Monolithic Power Systems MP1474 Datasheet HTML 5Page - Monolithic Power Systems MP1474 Datasheet HTML 6Page - Monolithic Power Systems MP1474 Datasheet HTML 7Page - Monolithic Power Systems MP1474 Datasheet HTML 8Page - Monolithic Power Systems MP1474 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP1474
High-Efficiency, 2A, 16V, 500kHz
Synchronous, Step-Down Converter
MP1474 Rev. 1.0
www.MonolithicPower.com
1
9/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1474 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a 2A continuous
output current with excellent load and line
regulation over a wide input supply range. The
MP1474 has synchronous mode operation for
higher efficiency over the output current load
range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection and thermal shut down.
The MP1474 requires a minimal number of
readily-available standard external components,
and is available in a space-saving 8-pin
TSOT23 package.
FEATURES
 Wide 4.5V-to-16V Operating Input Range
 100mΩ/40mΩ Low RDS(ON) Internal Power
MOSFETs
 High-Efficiency Synchronous Mode
Operation
 Fixed 500kHz Switching Frequency
 Synchronizes from a 200kHz-to-2MHz
External Clock
 Power-Save Mode at Light Load
 Internal Soft-Start
 Power Good Indicator
 OCP Protection and Hiccup
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in an 8-pin TSOT-23 Package
APPLICATIONS
 Notebook Systems and I/O Power
 Digital Set-Top Boxes
 Flat-Panel Television and Monitors
 Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP1474
IN
EN/SYNC
VCC
PG
GND
FB
SW
BST
VIN
EN/
SYNC
C5
0.1
R1
40.2k
R2
13k
R5
100k
L1
C2
47
C4
C1
4.5V-16V
3.3V/2A
22
2
6
7
1
5
3
8
4
R6
16k
R3
20
OUTPUT CURRENT (A)
Efficiency vs.
Output Current
VOUT=3.3V, IOUT=0.01A-2A
50
55
60
65
70
75
80
85
90
95
100
0.0
0.4
0.8
1.2
1.6
2.0
VIN=16V
VIN=12V
VIN=5V


Similar Part No. - MP1474

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474SGJ MPS-MP1474SGJ Datasheet
621Kb / 19P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results

Similar Description - MP1474

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com