Electronic Components Datasheet Search
  English  ▼

X  

MP1474 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1474
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1474 Datasheet HTML 8Page - Monolithic Power Systems MP1474 Datasheet HTML 9Page - Monolithic Power Systems MP1474 Datasheet HTML 10Page - Monolithic Power Systems MP1474 Datasheet HTML 11Page - Monolithic Power Systems MP1474 Datasheet HTML 12Page - Monolithic Power Systems MP1474 Datasheet HTML 13Page - Monolithic Power Systems MP1474 Datasheet HTML 14Page - Monolithic Power Systems MP1474 Datasheet HTML 15Page - Monolithic Power Systems MP1474 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP1474 – SYNCHRONOUS STEP-DOWN CONVERTER
MP1474 Rev. 1.0
www.MonolithicPower.com
12
9/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors. For best results,
use low ESR capacitors to keep the output
voltage ripple low. The output voltage ripple can
be estimated as:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency, and the capacitance causes the
majority of the output voltage ripple. For
simplification, the output voltage ripple can be
estimated as:
OUT
OUT
OUT
2
IN
S1
VV
ΔV1
V
8f
L
C2

 

 

For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated as:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V

 


The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP1474 can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An external bootstrap diode can enhance the
efficiency of the regulator given the following
conditions:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, add an external BST diode from
the VCC pin to BST pin, as shown in Figure 6.
SW
BST
MP1474
C
L
BST
COUT
External BST Diode
VCC
IN4148
Figure 6: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST capacitor value is 0.1µF
to 1μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com