Electronic Components Datasheet Search
  English  ▼

X  

MP1474 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1474
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1474 Datasheet HTML 7Page - Monolithic Power Systems MP1474 Datasheet HTML 8Page - Monolithic Power Systems MP1474 Datasheet HTML 9Page - Monolithic Power Systems MP1474 Datasheet HTML 10Page - Monolithic Power Systems MP1474 Datasheet HTML 11Page - Monolithic Power Systems MP1474 Datasheet HTML 12Page - Monolithic Power Systems MP1474 Datasheet HTML 13Page - Monolithic Power Systems MP1474 Datasheet HTML 14Page - Monolithic Power Systems MP1474 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP1474 – SYNCHRONOUS STEP-DOWN CONVERTER
MP1474 Rev. 1.0
www.MonolithicPower.com
11
9/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 1). The
feedback resistor R1 also sets the feedback loop
bandwidth
with
the
internal
compensation
capacitor (see Typical Application on page 1).
Choose R1 around 40kΩ. R2 is then given by:
OUT
R1
R2
V
1
0.807V
The T-type network—as shown in Figure 5—is
highly recommended when VOUT is low.
Rt
FB
8
R2
R1
Cf
VOUT
Figure 5: T-Type Network
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT
(V)
R1 (kΩ)
R2 (kΩ) Rt (kΩ) Cf(pF) L(μH)
1.0
20.5
84.5
82
15
2.2
1.2
30.1
61.9
82
15
2.2
1.8
40.2
32.4
33
15
4.7
2.5
40.2
19.1
33
15
4.7
3.3
40.2
13
16
15
5.5
5
40.2
7.68
16
15
5.5
Selecting the Inductor
Use a1µH-to-10µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current for most applications. For
highest efficiency, use an inductor with a DC
resistance less than 15mΩ. For most designs,
the inductance value can be derived from the
following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
Where ΔIL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load current.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Use a larger inductor for improved efficiency
under light-load conditions—below 100mA.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore requires a capacitor is to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low
ESR capacitors for the best performance. Use
ceramic capacitors with X5R or X7R dielectrics
for best results because of their low ESR and
small
temperature
coefficients.
For
most
applications, use a 22µF capacitor.
Since C1 absorbs the input switching current, it
requires an adequate ripple current rating. The
RMS current in the input capacitor can be
estimated by:
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C
For simplification, choose an input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, add a small, high quality ceramic
capacitor (e.g. 0.1μF) placed as close to the IC
as possible. When using ceramic capacitors,
make sure that they have enough capacitance to
provide sufficient charge to prevent excessive
voltage ripple at input. The input voltage ripple
caused by capacitance can be estimated as:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V


 





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com