Electronic Components Datasheet Search
  English  ▼

X  

MP1474 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1474
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1474 Datasheet HTML 1Page - Monolithic Power Systems MP1474 Datasheet HTML 2Page - Monolithic Power Systems MP1474 Datasheet HTML 3Page - Monolithic Power Systems MP1474 Datasheet HTML 4Page - Monolithic Power Systems MP1474 Datasheet HTML 5Page - Monolithic Power Systems MP1474 Datasheet HTML 6Page - Monolithic Power Systems MP1474 Datasheet HTML 7Page - Monolithic Power Systems MP1474 Datasheet HTML 8Page - Monolithic Power Systems MP1474 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP1474 – SYNCHRONOUS STEP-DOWN CONVERTER
MP1474 Rev. 1.0
www.MonolithicPower.com
5
9/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 12V, VOUT = 3.3V, L=5.5μH, TA = 25°C, unless otherwise noted.
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
Short Recovery
IOUT=0A
Startup through Enable
IOUT=0A
Short Entry
IOUT=0A
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
0
3
6
9
12
15
18
00.511.5
2
OUTPUT CURRENT (A)
Case Temperature Rise
vs. Output Current
IOUT=0A-2A
50
55
60
65
70
75
80
85
90
95
100
0.0
0.4
0.8
1.2
1.6
2.0
VIN=5V
VIN=12V
VIN=16V
50
55
60
65
70
75
80
85
90
95
100
0.0
0.4
0.8
1.2
1.6
2.0
VIN=5V
VIN=12V
VIN=16V
50
55
60
65
70
75
80
85
90
95
100
0.0
0.4
0.8
1.2
1.6
2.0
VIN=5V
VIN=12V
VIN=16V
50
55
60
65
70
75
80
85
90
95
100
0.0
0.4
0.8
1.2
1.6
2.0
VIN=16V
VIN=12V
50
55
60
65
70
75
80
85
90
95
100
0.0
0.4
0.8
1.2
1.6
2.0
VIN=7V
VIN=12V
VIN=16V
VOUT
2V/div.
VPG
5V/div.
VSW
10V/div.
VIN
10V/div.
IINDUCTOR
5A/div.
VOUT
2V/div.
VPG
5V/div.
VSW
10V/div.
VIN
10V/div.
IINDUCTOR
5A/div.
VOUT
2V/div.
VPG
5V/div.
VSW
10V/div.
VEN
5V/div.
IINDUCTOR
2A/div.
VIN=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com