Electronic Components Datasheet Search
  English  ▼

X  

MP1474 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP1474
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP1474 Datasheet HTML 8Page - Monolithic Power Systems MP1474 Datasheet HTML 9Page - Monolithic Power Systems MP1474 Datasheet HTML 10Page - Monolithic Power Systems MP1474 Datasheet HTML 11Page - Monolithic Power Systems MP1474 Datasheet HTML 12Page - Monolithic Power Systems MP1474 Datasheet HTML 13Page - Monolithic Power Systems MP1474 Datasheet HTML 14Page - Monolithic Power Systems MP1474 Datasheet HTML 15Page - Monolithic Power Systems MP1474 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP1474 – SYNCHRONOUS STEP-DOWN CONVERTER
MP1474 Rev. 1.0
www.MonolithicPower.com
14
9/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
VCC
25V
C1A
22uF
0.1uF
C1
25V
0.1uF
C5
GND
GND
GND
GND
GND
PG
EN/SYNC
VOUT
100k
R5
VIN
100k
R4
20
R3
0.1uF
C4
22uF
C2A
22uF
C2
15pF
C3
5.5uH
L1
40.2k
R1
7.68k
R2
GND
GND
16k
R6
5V/2A
MP1474
2
7
1
6
5
3
8
BST
SW
EN/SYNC
VCC
IN
GND
FB
PG
Figure 7: 12VIN, 5V/2A Output
VCC
25V
C1A
22uF
0.1uF
C1
25V
0.1uF
C5
GND
GND
GND
GND
GND
PG
EN/SYNC
VOUT
100k
R5
VIN
100k
R4
20
R3
0.1uF
C4
22uF
C2A
22uF
C2
15pF
C3
5.5uH
L1
40.2k
R1
13k
R2
GND
GND
16k
R6
3.3V/2A
MP1474
2
7
1
6
5
3
8
BST
SW
EN/SYNC
VCC
IN
GND
FB
PG
Figure 8: 12VIN, 3.3V/2A Output
VCC
25V
C1A
22uF
0.1uF
C1
25V
0.1uF
C5
GND
GND
GND
GND
GND
PG
EN/SYNC
VOUT
100k
R5
VIN
100k
R4
20
R3
0.1uF
C4
22uF
C2A
22uF
C2
15pF
C3
4.7uH
L1
40.2k
R1
19.1k
R2
GND
GND
33k
R6
2.5V/2A
MP1474
2
7
1
6
5
3
8
BST
SW
EN/SYNC
VCC
IN
GND
FB
PG
Figure 9: 12VIN, 2.5V/2A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com