Electronic Components Datasheet Search
  English  ▼

X  

MP2130 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2130
Description  High Efficiency, 3.5A, 6V, 1.2MHz Synchronous Step-Down Converter in an Ultra?밪mall QFN12 (2x2mm) Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2130 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2130 Datasheet HTML 1Page - Monolithic Power Systems MP2130 Datasheet HTML 2Page - Monolithic Power Systems MP2130 Datasheet HTML 3Page - Monolithic Power Systems MP2130 Datasheet HTML 4Page - Monolithic Power Systems MP2130 Datasheet HTML 5Page - Monolithic Power Systems MP2130 Datasheet HTML 6Page - Monolithic Power Systems MP2130 Datasheet HTML 7Page - Monolithic Power Systems MP2130 Datasheet HTML 8Page - Monolithic Power Systems MP2130 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP2130 – HIGH EFFICIENCY, 3.5A, 6V, 1.2MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2130 Rev. 1.23
www.MonolithicPower.com
3
11/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
2.7V
≤ VIN ≤ 6V
0.591
0.600
0.609
V
Feedback Current
IFB
VFB = 0.6V
10
nA
PFET Switch On Resistance
(5)
RDSON_P
VIN=3.6V
50
mΩ
NFET Switch On Resistance
(5)
RDSON_N
VIN=3.6V
40
mΩ
Switch Leakage
VEN = 0V, VIN=6V,
VSW = 0V and 6V
0
2
μA
PFET Current Limit
3.6
4.5
6
A
NFET Switch Sinking Current
INSW
VOUT=1.2V, VFB=0.7V
100
μA
On Time
TON
VIN = 5V, VOUT=1.2V
200
ns
On Time
VIN=3.6V, VOUT=1.2V
277
ns
Minimum Off Time
TOFF
30
ns
Soft-Start Time
TSS-ON
1
ms
Soft-Stop Time
TSS-OFF
1
ms
Power Good Upper Trip Threshold
FB with respect to the
Regulation
+10
%
Power Good Lower Trip Threshold
-10
%
Power Good Delay
90
μs
Power Good Sink Current Capability
VPG_LO
Sink 1mA
0.4
V
Power Good Logic High Voltage
VPG_HI
VIN=5V, VFB=0.6V
4.9
V
Power Good Internal Pull Up
Resistor
RPG
500
kΩ
Under Voltage Lockout Threshold
Rising
2.35
2.5
2.65
V
Under Voltage Lockout Threshold
Hysteresis
400
mV
EN Input Logic Low Voltage
0.4
V
EN Input Logic High Voltage
1.2
V
VEN = 2V
2
EN Input Current
VEN = 0V
0
μA
Supply Current (Shutdown)
VEN = 0V
0
μA
Supply Current (Quiescent)
VEN = 2V, VFB = 0.63V,
VIN=3.6V
40
μA
Thermal Shutdown
150
°C
Thermal Hysteresis
(5)
30
°C
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com