Electronic Components Datasheet Search
  English  ▼

X  

MP2130 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2130
Description  High Efficiency, 3.5A, 6V, 1.2MHz Synchronous Step-Down Converter in an Ultra?밪mall QFN12 (2x2mm) Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2130 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2130 Datasheet HTML 1Page - Monolithic Power Systems MP2130 Datasheet HTML 2Page - Monolithic Power Systems MP2130 Datasheet HTML 3Page - Monolithic Power Systems MP2130 Datasheet HTML 4Page - Monolithic Power Systems MP2130 Datasheet HTML 5Page - Monolithic Power Systems MP2130 Datasheet HTML 6Page - Monolithic Power Systems MP2130 Datasheet HTML 7Page - Monolithic Power Systems MP2130 Datasheet HTML 8Page - Monolithic Power Systems MP2130 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2130
High Efficiency, 3.5A, 6V, 1.2MHz
Synchronous Step-Down Converter in an
Ultra–Small QFN12 (2x2mm) Package
MP2130 Rev. 1.23
www.MonolithicPower.com
1
11/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2130 is a monolithic step-down switch
mode converter with built-in internal power
MOSFETs. It achieves 3.5A continuous output
current from a 2.7V to 6V input voltage with
excellent load and line regulation. The MP2130 is
ideal for powering portable equipment that runs
from a single cell Lithium-Ion (Li+) Battery. The
output voltage can be regulated as low as 0.6V.
The Constant-On-time (COT) control scheme
provides fast transient response high light-load
efficiency and easy loop stabilization.
Fault condition protection includes cycle-by-cycle
current limit and thermal shutdown.
The MP2130 requires a minimum number of readily
available standard external components and is
available in an ultra-small QFN12 (2x2mm)
package.
The MP2130 is ideal for a wide range of
applications including PDAs, portable instruments,
DVD drives, small handhold and battery–powered
devices.
FEATURES
• Above 95% Peak Efficiency
• Above 80% Light Load Efficiency.
• Wide 2.7V to 6V Operating Input Range
• Output Voltage as Low as 0.6V
• 100% Duty Cycle in Dropout
• 3.5A Output Current
• 50mΩ and 40mΩ Internal Power MOSFET
• 1.2MHz Frequency
• EN and Power Good for Power Sequencing
• Cycle-by-Cycle Over Current Protection
•
Auto Discharge at Power-off
• Short Circuit Protection with Hiccup Mode
• Thermal Shutdown
• Stable with Low ESR Output Ceramic
Capacitors
• Available in a QFN12 (2x2mm) Package
APPLICATIONS
•
Storage Drives
•
Portable/Handheld Devices
•
Wireless/Networking Cards
•
Low Voltage I/O System Power
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Trademarks of Monolithic Power Systems,
Inc.
TYPICAL APPLICATION
MP2130
PGND
FB
PVIN
VIN
C1
22
EN
VIN
5V
VOUT
1.2V
SW
C2
10
1
10
R1
200k
R2
200k
PG
EN
PG
AGND
OUT
L
1
2,11
8
9
7
5
6
4
3,12
NC
70
75
80
85
90
95
100
0.01
0.1
1
10
LOAD CURRENT (A)
VO=3.3V
VO=1.8V
VO=1.2V
VO=2.4V
Efficiency
VIN=5V


Similar Part No. - MP2130

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2131GG MPS-MP2131GG Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2131GG MPS-MP2131GG Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
MP2136 MPS-MP2136 Datasheet
868Kb / 11P
2.5V to 6V Input, 2MHz, 1A Synchronous Step-Down Converter
MP2136EG MPS-MP2136EG Datasheet
868Kb / 11P
2.5V to 6V Input, 2MHz, 1A Synchronous Step-Down Converter
More results

Similar Description - MP2130

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2109DQ-00A MPS-EV2109DQ-00A Datasheet
217Kb / 4P
Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
logo
Texas Instruments
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Monolithic Power System...
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
MP9115 MPS-MP9115 Datasheet
299Kb / 11P
2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
6V 6.0A 1.2MHz Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP9459 MPS-MP9459 Datasheet
1Mb / 19P
17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
Rev. 1.0 1/13/2020
logo
Richtek Technology Corp...
RT5753A RICHTEK-RT5753A Datasheet
972Kb / 28P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com