Electronic Components Datasheet Search
  English  ▼

X  

MP2130 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2130
Description  High Efficiency, 3.5A, 6V, 1.2MHz Synchronous Step-Down Converter in an Ultra?밪mall QFN12 (2x2mm) Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2130 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2130 Datasheet HTML 3Page - Monolithic Power Systems MP2130 Datasheet HTML 4Page - Monolithic Power Systems MP2130 Datasheet HTML 5Page - Monolithic Power Systems MP2130 Datasheet HTML 6Page - Monolithic Power Systems MP2130 Datasheet HTML 7Page - Monolithic Power Systems MP2130 Datasheet HTML 8Page - Monolithic Power Systems MP2130 Datasheet HTML 9Page - Monolithic Power Systems MP2130 Datasheet HTML 10Page - Monolithic Power Systems MP2130 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP2130 – HIGH EFFICIENCY, 3.5A, 6V, 1.2MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2130 Rev. 1.23
www.MonolithicPower.com
7
11/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5V, VOUT=1.2V, L=1µH, COUT=10µF, TA = +25°C, unless otherwise noted.
VOUT
0.5V/div.
PG
5V/div.
VOUT
1V/div.
EN
5V/div.
EN
5V/div.
VOUT
0.5V/div.
PG
5V/div.
EN
5V/div.
SW
5V/div.
IL
2A/div.
VOUT
1V/div.
EN
5V/div.
SW
5V/div.
IL
2A/div.
VOUT/AC
50mV/div.
IOUT
1A/div.
VOUT
1V/div.
VIN
2V/div.
SW
5V/div.
IL
5A/div.
VOUT
1V/div.
VIN
2V/div.
SW
5V/div.
IL
5A/div.
VOUT
1V/div.
VIN
2V/div.
SW
5V/div.
IL
5A/div.
EN Start Up with 3A Load
EN Shut Down with 3A Load
Power Good
Through EN Start Up
Power Good
Through EN Shut Down
Load Transient Response
IOUT = 1.5A to 3A
Short Circuit Entry
Short Circuit
Short Circuit Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com