Electronic Components Datasheet Search
  English  ▼

X  

MP2130 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2130
Description  High Efficiency, 3.5A, 6V, 1.2MHz Synchronous Step-Down Converter in an Ultra?밪mall QFN12 (2x2mm) Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2130 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2130 Datasheet HTML 1Page - Monolithic Power Systems MP2130 Datasheet HTML 2Page - Monolithic Power Systems MP2130 Datasheet HTML 3Page - Monolithic Power Systems MP2130 Datasheet HTML 4Page - Monolithic Power Systems MP2130 Datasheet HTML 5Page - Monolithic Power Systems MP2130 Datasheet HTML 6Page - Monolithic Power Systems MP2130 Datasheet HTML 7Page - Monolithic Power Systems MP2130 Datasheet HTML 8Page - Monolithic Power Systems MP2130 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP2130 – HIGH EFFICIENCY, 3.5A, 6V, 1.2MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2130 Rev. 1.23
www.MonolithicPower.com
5
11/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, VOUT=1.2V, L=1µH, COUT=10µF, TA = +25°C, unless otherwise noted
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
LOAD CURRENT (A)
Quiescent Current vs.
Input Voltage
Load Regulation
Shutdown Current vs.
Input Voltage
INPUT VOLTAGE (V)
Line Regulation
0
20
40
60
80
100
2.5
3
3.5
4
4.5
5
5.5
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
2.5 3 3.5 4 4.5 5 5.5 6 6.5
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
00.5
11.5
22.5
33.5
-1.5
-1
-0.5
0
0.5
1
1.5
2.5 3 3.5 4 4.5 5 5.5 6 6.5
IO=0.3A
IO=1.5A
IO=3A
Case Temp Rise
0
5
10
15
20
25
30
35
0 0.5
1 1.5
2 2.5
3 3.5
LOAD CURRENT (A)
70
75
80
85
90
95
100
0.01
0.1
1
10
LOAD CURRENT (A)
VO=3.3V
VO=1.8V
VO=1.2V
VO=2.4V
VIN=3V
VIN=5V
VIN=4V
Efficiency
70
75
80
85
90
95
100
OUTPUT CURRENT (A)
Efficiency
VIN=3.3V
0.010
0.100
1.000
10.000
VO=1.8V
VO=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com