Electronic Components Datasheet Search
  English  ▼

X  

MP2130 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2130
Description  High Efficiency, 3.5A, 6V, 1.2MHz Synchronous Step-Down Converter in an Ultra?밪mall QFN12 (2x2mm) Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2130 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2130 Datasheet HTML 4Page - Monolithic Power Systems MP2130 Datasheet HTML 5Page - Monolithic Power Systems MP2130 Datasheet HTML 6Page - Monolithic Power Systems MP2130 Datasheet HTML 7Page - Monolithic Power Systems MP2130 Datasheet HTML 8Page - Monolithic Power Systems MP2130 Datasheet HTML 9Page - Monolithic Power Systems MP2130 Datasheet HTML 10Page - Monolithic Power Systems MP2130 Datasheet HTML 11Page - Monolithic Power Systems MP2130 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP2130 – HIGH EFFICIENCY, 3.5A, 6V, 1.2MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2130 Rev. 1.23
www.MonolithicPower.com
11
11/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
capacitance to provide sufficient charge to
prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated by:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
Selecting the Output Capacitor
The output capacitor (C2) is required to maintain
the DC output voltage.
Low ESR ceramic capacitors can be used with
MP2130 to keep the output ripple low. Generally,
10μF output ceramic capacitor is enough for
most of the cases. In higher output voltage
condition, 22μF might be needed for a stable
system.
Using ceramic capacitors, the impedance at the
switching
frequency
is
dominated
by
the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated by:
OUT
OUT
OUT
2
IN
S1
VV
ΔV1
V
8f
L
C2
⎛⎞
=× −
⎜⎟
×× ×
⎝⎠
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the output
ripple can be approximated to:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V
⎛⎞
=× −
×
⎜⎟
×
⎝⎠
The characteristics of the output capacitor also
affect the stability of the regulation system.
Layout Recommendation of MP2130
Proper layout of the switching power supplies is
very important, and sometimes critical to make it
work properly. Especially, for the high switching
converter, if the layout is not carefully done, the
regulator could show poor line or load regulation,
stability issues.
For MP2130, the high speed step-down regulator,
the input capacitor should be placed as close as
possible to the IC pins. As shown in Figure 6, the
0805 size ceramic capacitor is used, please
make sure the two ends of the ceramic capacitor
be directly connected to PIN1 (the Power Input
Pin) and PIN 3 (the Power GND Pin).
Figure 5—Two Ends off Input Decoupling
Capacitor Close to Pin 1 and Pin 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com