Electronic Components Datasheet Search
  English  ▼

X  

MP2130 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2130
Description  High Efficiency, 3.5A, 6V, 1.2MHz Synchronous Step-Down Converter in an Ultra?밪mall QFN12 (2x2mm) Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2130 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2130 Datasheet HTML 2Page - Monolithic Power Systems MP2130 Datasheet HTML 3Page - Monolithic Power Systems MP2130 Datasheet HTML 4Page - Monolithic Power Systems MP2130 Datasheet HTML 5Page - Monolithic Power Systems MP2130 Datasheet HTML 6Page - Monolithic Power Systems MP2130 Datasheet HTML 7Page - Monolithic Power Systems MP2130 Datasheet HTML 8Page - Monolithic Power Systems MP2130 Datasheet HTML 9Page - Monolithic Power Systems MP2130 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP2130 – HIGH EFFICIENCY, 3.5A, 6V, 1.2MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2130 Rev. 1.23
www.MonolithicPower.com
6
11/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5V, VOUT=1.2V, L=1µH, COUT=10µF, TA = +25°C, unless otherwise noted.
VOUT/AC
100mV/div.
VIN/AC
100mV/div.
SW
2V/div.
IL
2A/div.
VOUT
1V/div.
VIN
2V/div.
SW
2V/div.
IL
2A/div.
VOUT
1V/div.
VIN
2V/div.
SW
2V/div.
IL
2A/div.
VOUT
1V/div.
EN
5V/div.
SW
5V/div.
IL
2A/div.
VOUT
1V/div.
EN
5V/div.
SW
5V/div.
IL
2A/div.
VOUT
1V/div.
VIN
2V/div.
SW
2V/div.
IL
2A/div.
VOUT
1V/div.
VIN
2V/div.
SW
2V/div.
IL
2A/div.
VOUT/AC
20mV/div.
VIN/AC
100mV/div.
SW
2V/div.
IL
2A/div.
VOUT/AC
20mV/div.
VIN/AC
100mV/div.
SW
2V/div.
IL
2A/div.
Input and Output Ripple
IOUT = 0A
Input and Output Ripple
IOUT = 1.5A
Input and Output Ripple
IOUT = 3A
VIN Power Up without Load
VIN Power Up with 3A Load
VIN Shut down without Load
VIN Shut down with 3A Load
EN Start Up without Load
EN Shut Down without Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com