Electronic Components Datasheet Search
  English  ▼

X  

MP2611 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2611
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2611 Datasheet HTML 1Page - Monolithic Power Systems MP2611 Datasheet HTML 2Page - Monolithic Power Systems MP2611 Datasheet HTML 3Page - Monolithic Power Systems MP2611 Datasheet HTML 4Page - Monolithic Power Systems MP2611 Datasheet HTML 5Page - Monolithic Power Systems MP2611 Datasheet HTML 6Page - Monolithic Power Systems MP2611 Datasheet HTML 7Page - Monolithic Power Systems MP2611 Datasheet HTML 8Page - Monolithic Power Systems MP2611 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
3
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN
(5) = 5V, TA= 25°C, Unless Otherwise Noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
AC Input
ACIN Operating Range
VACIN
4.5
5
6
V
ACIN Under Voltage Lockout (UVLO)
Rising Threshold
VUVLO
3.55
3.75
3.95
V
ACIN Under Voltage Lockout (UVLO)
Threshold Hysteresis
200
mV
Switching Frequency
fS
1.5
MHz
Constant Charger Current
ICC
RS1=50mΩ
1.8
2
2.2
A
High-side PFET On Resistance
RH_DS(ON)
130
mΩ
Low-side NMOS On Resistance
RL_DS(ON)
200
mΩ
High-side PFET Peak Current Limit
3
3.5
A
Dead Time
10
ns
EN
=0V, No load
2.0
mA
Supply Current
IIN
EN
=4V
20
μA
USB Input
USBIN Operating Range
VUSBIN
4.5
5
6
V
USBIN Under Voltage Lockout (UVLO)
Rising Threshold
VUVLO
3.55
3.75
3.95
V
USBIN Under Voltage Lockout (UVLO)
Threshold Hysteresis
200
mV
RILIM =82.5kΩ,
VUSBIN = 5V, VBATT=4V
450
500
mA
USB Input Current limit
IUSB_LIM
RILIM =45.3kΩ,
VUSBIN = 5V, VBATT=4V
810
900
mA
High-side PFET On Resistance
110
mΩ
EN
=0V, No load
2.0
mA
USB Supply Current
EN
=4V, No load
30
μA
Battery Charger
Terminal Battery Voltage
VBATT_FULL VIN=5V
4.179
4.2
4.221
V
Battery Over-Voltage Threshold
VBOVP
VIN=5V
4.26
4.34
4.42
V
Recharge Threshold at VBATT
VRECHG
4.0
V
Recharge Hysteresis
100
mV
Trickle-Charge Threshold
VTC
3
V
Trickle-Charger Hysteresis
300
mV
Trickle-Charge Current
ITC
10
15
%ICC
Termination Charge Current
IBF
5
10
15
%ICC
Maximum Current-Sense Voltage (CSP
to BATT)
100
mV
STAT1/STAT2 Open-Drain Sink Current
VDRAIN =0.3V
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com