Electronic Components Datasheet Search
  English  ▼

X  

MP2611 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2611
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2611 Datasheet HTML 2Page - Monolithic Power Systems MP2611 Datasheet HTML 3Page - Monolithic Power Systems MP2611 Datasheet HTML 4Page - Monolithic Power Systems MP2611 Datasheet HTML 5Page - Monolithic Power Systems MP2611 Datasheet HTML 6Page - Monolithic Power Systems MP2611 Datasheet HTML 7Page - Monolithic Power Systems MP2611 Datasheet HTML 8Page - Monolithic Power Systems MP2611 Datasheet HTML 9Page - Monolithic Power Systems MP2611 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
6
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, C1=C2=22µF, C4=22µF, CTMR=0.1µF, L=1.5µH, RS1=50mΩ, RILIM=40.2kΩ, Battery
Simulator, Unless Otherwise Noted.
INPUT VOLTAGE(V)
INPUT VOLTAGE(V)
BATTERY VOTLAGE (V)
Battery Reverse Current
AC/USB Mode, VIN=PGND/Float
Shutdown Current
VEN=4V (Disabled), AC/USB Mode
Charge Current Accuracy
vs. VIN
AC Mode
USBM Input Current
Limit Accuracy
USB Mode
Charge Full Voltage
Accuracy vs. VIN
AC/USB Mode
USBM Input Current Limit
vs. 1000/RILIM
USB Mode
Case Temperature vs.
Battery Voltage
RS1=50m, AC Mode
VREF33 Regulation Accuracy
RS1=50m, AC Mode
INPUT VOLTAGE (V)
IUSB_LIM SET POINT (mA)
INPUT VOLTAGE(V)
BATTERY VOLTAGE (V)
INPUT VOLTAGE(V)
Breakdown Voltage
AC/USB Mode
0
500
1000
1500
2000
2500
3000
3500
4000
012
3
456
7
89
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.5
2
2.5
3
3.5
4
4.5
0
5
10
15
20
25
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5
-0.100
-0.075
-0.050
-0.025
0.000
0.025
0.050
0.075
0.100
4.5
4.9
5.3
5.7
6.1
6.5
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
4.5
4.9
5.3
5.7
6.1
6.5
-5
0
5
10
15
20
25
30
0
200
400
600
800
1000
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
4.5
5.0
5.5
6.0
6.5
Battery Float
VBATT=3.7V
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
0
20
40
60
80
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com