Electronic Components Datasheet Search
  English  ▼

X  

MP2611 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2611
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2611 Datasheet HTML 3Page - Monolithic Power Systems MP2611 Datasheet HTML 4Page - Monolithic Power Systems MP2611 Datasheet HTML 5Page - Monolithic Power Systems MP2611 Datasheet HTML 6Page - Monolithic Power Systems MP2611 Datasheet HTML 7Page - Monolithic Power Systems MP2611 Datasheet HTML 8Page - Monolithic Power Systems MP2611 Datasheet HTML 9Page - Monolithic Power Systems MP2611 Datasheet HTML 10Page - Monolithic Power Systems MP2611 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
7
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5V, C1=C2=22µF, C4=22µF, CTMR=0.1µF, L=1.5µH, RS1=50mΩ, RILIM=40.2kΩ, Battery
Simulator, Unless Otherwise Noted.
BATTERY VOLTAGE (V)
BATTERY VOLTAGE(V)
BATTERY VOLTAGE (V)
USB Mode Charge Curve
USB Mode Charge Curve
Frequency vs. Battery
Voltage
USB Mode
AC Mode Efficiency in
TC/CC Charge
Frequency vs. Battery
Voltage
AC Mode
USB Mode Efficiency
AC Mode Efficiency in
CV Charge
BATTERY VOLTAGE(V)
BATTERY VOLTAGE (V)
BATTERY VOLTAGE (V)
CHARGE CURRENT (mA)
BATTERY VOLTAGE(V)
AC Mode Charge Curve
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
1.6 1.9 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.3
VACIN=4.5V
VACIN=5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.6 1.9 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.3
VUSBIN=5V
VUSBIN=5.5V
VUSBIN=4.5V
0
0.5
1
1.5
2
2.5
3
1.6 1.9 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.3
IUSB_LIM=2A
IUSB_LIM=1.5A
IUSB_LIM=1A
IUSB_LIM=0.5A
0
200
400
600
800
1000
1200
1400
1600
1800
1 1.4 1.8 2.2 2.6 3.0 3.4 3.8 4.2
VACIN=4.5V
VACIN=6V
VACIN=5V
0
200
400
600
800
1000
1200
1400
1600
1800
1 1.4 1.8 2.2 2.6 3.0 3.4 3.8 4.2
VUSBIN>5V
VUSBIN=4.5V
50
55
60
65
70
75
80
85
90
95
100
1.0 1.4 1.8 2.2 2.6 3.0 3.4 3.8 4.2
VACIN=6V
VACIN=4.5V
VACIN=5V
50
55
60
65
70
75
80
85
90
95
100
400
800
1200
1600
2000
VACIN=6V
VACIN=5V
VACIN=4.5V
50
55
60
65
70
75
80
85
90
95
100
1.0 1.4 1.8 2.2 2.6 3.0 3.4 3.8 4.2
VUSBIN=5.5V
VUSBIN=5V
VUSBIN=4.5V
STAT2
2V/div.
STAT1
2V/div.
VREF33
2V/div.
VEN
200mV/div.
VREF Startup Waveform
VBATT=3.7V, En On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com