Electronic Components Datasheet Search
  English  ▼

X  

MP2611 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2611
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2611 Datasheet HTML 4Page - Monolithic Power Systems MP2611 Datasheet HTML 5Page - Monolithic Power Systems MP2611 Datasheet HTML 6Page - Monolithic Power Systems MP2611 Datasheet HTML 7Page - Monolithic Power Systems MP2611 Datasheet HTML 8Page - Monolithic Power Systems MP2611 Datasheet HTML 9Page - Monolithic Power Systems MP2611 Datasheet HTML 10Page - Monolithic Power Systems MP2611 Datasheet HTML 11Page - Monolithic Power Systems MP2611 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
8
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5V, C1=C2=22µF, C4=22µF, CTMR=0.1µF, L=1.5µH, RS1=50mΩ, RILIM=40.2kΩ, Battery
Simulator, Unless Otherwise Noted.
VIN
2V/div.
VBATT
1V/div.
VBATT
1V/div.
VSW
2V/div.
VSW
2V/div.
IL
500mA/div.
IL
1A/div.
BATT Float Waveform
USB/AC Mode
VACIN
1V/div.
VBATT
1V/div.
VSW
2V/div.
IL
1A/div.
VACIN
1V/div.
VBATT
1V/div.
VSW
2V/div.
IL
1A/div.
VACIN
1V/div.
VBATT
1V/div.
VSW
2V/div.
IL
500mA/div.
VACIN
2V/div.
VBATT
500mV/div.
VSW
2V/div.
IL
500mA/div.
VIN
2V/div.
VBATT
1V/div.
VSW
2V/div.
IL
500mA/div.
VACIN
1V/div.
VBATT
1V/div.
VSW
2V/div.
IL
200mA/div.
VIN
2V/div.
VBATT
1V/div.
VSW
2V/div.
IL
1A/div.
VACIN
1V/div.
Low Input Voltage
Charge State
AC Mode, VACIN=4.5V, VBATT=3.8V
Low Input Voltage
Charge State
AC Mode, VACIN=4.5V, VBATT=4V
Low Input Voltage
Charge State
AC Mode, VACIN=4.5V, VBATT=4.02V
Low Input Voltage
Charge State
AC Mode, VACIN=4.5V, VBATT=4.18V
TC Charge Steady State
AC/USB Mode, VBATT=1.5V
CC Charge Steady State
AC Mode, VACIN=5V, VBATT=3.8V
CC Charge Steady State
USB Mode, VUSBIN=5V, VBATT=3.8V
CV Charge Steady State
AC / USB Mode, VBATT=4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com