Electronic Components Datasheet Search
  English  ▼

X  

MP2611 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2611
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2611 Datasheet HTML 1Page - Monolithic Power Systems MP2611 Datasheet HTML 2Page - Monolithic Power Systems MP2611 Datasheet HTML 3Page - Monolithic Power Systems MP2611 Datasheet HTML 4Page - Monolithic Power Systems MP2611 Datasheet HTML 5Page - Monolithic Power Systems MP2611 Datasheet HTML 6Page - Monolithic Power Systems MP2611 Datasheet HTML 7Page - Monolithic Power Systems MP2611 Datasheet HTML 8Page - Monolithic Power Systems MP2611 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
5
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN=5V, C1=C2=22µF, C4=22µF, CTMR=0.1µF, L=1.5µH, RS1=50mΩ, RILIM=40.2kΩ, Battery
Simulator, Unless Otherwise Noted.
Charge Current Accuracy
vs. Temperature
AC/USB Mode
USB Current Limit Accuracy
vs. Temperature
USB Mode, IUSB_LIM=500mA
Quiescent Current vs.
Temperature
VEN=0V, AC/USB Mode
Shutdown Current vs.
Temperature
VEN=4V (Disabled), AC/USB Mode
VREF Accuracy vs.
Temperature
AC/USB Mode
BATT Voltage Accuracy
vs. Temperature
AC/USB Mode
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
-40-25 -10 5 20 35 50 65 80 95110125
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40-25-10 5 20 35 50 65 80 95110 125
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-40-25-10 5 20 35 50 65 80 95110125
-1.20
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-40-25-10 5 20 35 50 65 80 95110125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40-25-10 5 20 35 50 65 80 95110 125
4
5
6
7
8
9
10
-40-25-10 5 20 35 50 65 80 95110125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com