Electronic Components Datasheet Search
  English  ▼

X  

MP2611 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2611
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2611 Datasheet HTML 1Page - Monolithic Power Systems MP2611 Datasheet HTML 2Page - Monolithic Power Systems MP2611 Datasheet HTML 3Page - Monolithic Power Systems MP2611 Datasheet HTML 4Page - Monolithic Power Systems MP2611 Datasheet HTML 5Page - Monolithic Power Systems MP2611 Datasheet HTML 6Page - Monolithic Power Systems MP2611 Datasheet HTML 7Page - Monolithic Power Systems MP2611 Datasheet HTML 8Page - Monolithic Power Systems MP2611 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP2611
2A, 1-Cell Li-Ion Battery Switching Charger
For USB and Adapter Power
MP2611 Rev. 1.12
www.MonolithicPower.com
1
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2611 is a monolithic switching charger
with built-in power MOSFETs for a single-cell
Li-Ion battery pack. It achieves up to a 2A-
charge current that can be programmed
through an accurate sense resistor over the
whole input range. It can operate from separate
inputs for USB or AC adapter: For USB input,
the input current limit can be programmed to
500mA and 900mA through the USBM pin to
cover both USB2.0 and USB3.0 standards.
The MP2611 regulates the charge current and
battery voltage using two control loops to
realize highly accurate constant-current charge
and constant-voltage charge. A 100% duty
cycle can be achieved when battery voltage is
close to the input voltage due to the high-side
P-Channel MOSFET.
Battery charge temperature and charging status
are always monitored for each condition. Two
status-monitor output pins indicate the battery
charging status and input status. The MP2611
also
features
internal
reverse-blocking
protection.
The MP2611 is available in a 3mm x 4mm
QFN14 package.
FEATURES
• 4.5V-to-6V Operating Input Voltage
• Up to 100% Duty Operation.
• Up to 2A Programmable Charge Current
• ±0.5% Battery Voltage Accuracy
• Separate Inputs for USB and AC Adapter
• Fully-Integrated Power Switches
• Programmable Input Current Limit for the
USB Port
• No External Reverse Blocking Diode
Required
• Charging Operation Indicators
• Programmable Safety Timer
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Battery Temperature Monitor and Protection
APPLICATIONS
• Smartphones
• Portable Hand-Held Solutions
• Portable Media Players
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C1
RS1
STAT1
STAT2
NTC
TMR
BATT
CSP
SW
MP2611
USBM
AC Adapter
Input
USB Port
ACIN
R3
USBIN
C2
VREF33
R1
R2
C3
RNTC
AGND
L
1-cell
battery
EN
OFF
ON
PGND
C4
CTMR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
RILIM
22uF
22uF
1.5k
1.5k
1uF
0.1uF
22uF
50m
2.2uH


Similar Part No. - MP2611

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26101 MPS-MP26101 Datasheet
587Kb / 17P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
8/4/2020 Rev. 1.01
MP26101DR-LF-P MPS-MP26101DR-LF-P Datasheet
587Kb / 17P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
8/4/2020 Rev. 1.01
MP26101DR-LF-Z MPS-MP26101DR-LF-Z Datasheet
587Kb / 17P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
8/4/2020 Rev. 1.01
More results

Similar Description - MP2611

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8903A MAXIM-MAX8903A Datasheet
592Kb / 20P
2A 1-Cell Li DC-DC Charger for USB* and Adapter Power
Rev 0; 12/08
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
July 2, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
logo
Global Mixed-mode Techn...
G5880 GMT-G5880 Datasheet
175Kb / 1P
Single Cell Li-Ion Battery Linear Charger Accepting USB and AC-Adapter Power Sources
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com