Electronic Components Datasheet Search
  English  ▼

X  

DX110 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DX110
Description  Desoldering & Rework Stations
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DX110 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DX110 Datasheet HTML 1Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 2Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 3Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 4Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 5Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 6Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 7Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 8Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Weller Multi-Digital Rework Station WMD 3
(With In-Built Pump)
Weller WMD 3 state-of-the-art technology simultaneously
provides multi-digital control of working temperatures
when reworking conventional ICs and SMDs.
A soldering iron, desoldering iron and hot air pencil can
all be operated simultaneously because of the WMD 3’s
in-built micro-processor that infinitely controls each tool’s
set temperature and airflow. The display visually monitors
each chosen working temperature and times preset hot
gas pencil operations.
Lock-out key for set function
parameters of each channel.
Channel selector
for temperature and
air volume.
Timer/set back.
Vacuum connector
with filter cartridge.
Connector for
hot air pencil with
filter cartridge.
LED indicates
channel in
display.
Pilot light showing
heating pulses.
Three connectors for variable
combinations of hot air pencil,
desoldering iron, soldering iron
or other variable combinations.
Socket for potential
balance.
Multi-digital display shows the set
and read temperature of each tool
and air volume.
Microprocessor controlled channel.
Continuously adjustable for
soldering iron, desoldering iron and hot
air pencil or other connectable tools.
Manometer for
vacuum control.
Antistatic coating on
housing meets ESD safety
specifications.
Two connections for two
optional foot switches.
Mains switch.
Technical Data
Dimensions:
240 x 270 x 105 mm (W x D x H)
Line Voltage:
230 V, 50 Hz
Power Input:
310 W
Safety Class:
1 and 3
Fuse:
T 1,5 A located at the power entry module
Controlling Tolerance:
Soldering/Desoldering iron ± 2 % of the final value
Hot air pencil ± 30°C
Temperature Control with
Soldering/Desoldering iron continuously 50°C– 450°C (WSP 150 150°C– 550°C)
zero Voltage cross switching:
Hot air pencil continuously 50°C– 550°C
Pump:
Max. low pressure 0,7 bar; max. conveyance 20 l/min
Hot air: max. 10 l/min
Potential Balance:
Via 3,5 mm switch jack socket on the back of the unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com