Electronic Components Datasheet Search
  English  ▼

X  

DX110 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DX110
Description  Desoldering & Rework Stations
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DX110 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DX110 Datasheet HTML 5Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 6Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 7Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 8Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 9Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 10Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 11Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 12Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Weller Multi-Functional, Digital
Hot Air Station WAD 101
The Weller WAD 101 Hot air station features digital
process control for accurate temperature set. The in-built
microprocessor circuitry automatically recognizes all
Weller soldering irons and provides the optimal settings
of the connected tools as well as the HAP 1 that comes
as standard with the station. A wide range of nozzles
and tools makes the WAD 101 ideal in many soldering
and desoldering applications of surface mount devices.
The WAD 101 requires a compressed air supply with oil-
free, dry air or nitrogen (N2) where the airflow is manual-
ly controlled.
The Weller WCB 2 Calibration unit can be connected to
the WAD 101 to further enhance programme setting or
PC interface.
Multi-digital display
sets and reads
temperature of the
selected tool
HAP 1 Hot air pencil
Finger switch to
control air manually
Connector for
hot air
Seven-pin connector for
connecting the HAP 1 and
other soldering tools
Mains switch
Air volume control
Pilot light showing
heating pulses
Antistatic coating on
housing meets
ESD specifications
Microprocessor controlled channel.
Automatically recognizes the HAP 1
and other connected tools and sets the
appropriate control parameters
Hot air nozzles. Different
interchangeable types
available
Connector for potential
balance
Holder KH 27 for
HAP 1 hot air pencil
The Set consists of:
• WSP 80 IG soldering iron with inert gas connection
• Stop+Go support WPH 81T
• Soldering tip LT B
• Connection hose: soldering iron – power unit (1.5 m)
Technical data WSP 80IG:
Temperature range:
50°C– 450°C
Power:
80 W
Soldering tips model:
LT series
Order No.
005 33 158 99
for lead free soldering
For use in applications when soldering under an
atmosphere of inert gas is required (prevention
of joint oxidation). Driven from the WAD 101
station, inert gas is fed through the heating
element of the iron to envelop the solder joint.
The station controls the temperature of the
iron and regulates the volume of gas supplied.
The Stop + Go bench holder will automatically
start the gas flow when the iron is removed
from the holder and stop the gas flow when the
iron is replaced.
Dimensions:
134 x 166 x 101 mm (W x D x H)
Power Input:
105 W
Temperature Control:
Hot air pencil 50°C– 550°C
Flow Rate:
Approx. 0 –10 l/min
Compressed Air:
Inlet pressure 400 KPA (58 psi) oil-free, dry compressed air or nitrogen (N2)
Compressed Air Connection:
Compressed air hose of 6 mm (0,24") external diameter
Safety Class:
1 (control unit), 3 (soldering tool)
Foot switch connector:
over adapter as accessories
Technical Data
WSP 80IG Inert Gas Soldering Iron



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com