Electronic Components Datasheet Search
  English  ▼

X  

DX110 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DX110
Description  Desoldering & Rework Stations
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DX110 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DX110 Datasheet HTML 1Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 2Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 3Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 4Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 5Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 6Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 7Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 8Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Weller Multi-Digital Hot Air Station
WMD 1A (With In-Built Pump)
The multi application ability of this station makes it ideal
for use in situations where the maximum amount of flexi-
bility is required. The station has an in built pump to pro-
vide the air movement for the hot air pencil and the vacu-
um for the desoldering tool and can be used to rework
both surface mounted and through hole components.
The WMD 1S control unit is the base and incorporates a
micro processor controlled system to regulate the solder
processes. The processor can also identify which tool is
being used and calibrate the output automatically with-
out the need for manual adjustment.
By use of the WCB 2 control box, additional functions can
be programmed into the base unit such as, temperature
lock, set back time, temperature offset, deg C /deg F,
factory setting reset.
Mains switch.
Vacuum connector and filter cartridge.
Hot air nozzles. Different inter-
changeable types available.
HAP 1 Hot air pencil.
Air connector for hot air pencil.
Holder KH 27 for
HAP 1 Hot air
pencil.
Antistatic coating on
housing meets
ESD safety specifications.
Seven-pin connector for
all desoldering, soldering
and accessory tools.
Temperature and hot air
control.
Manometer for
vacuum control.
Socket for potential balance.
Pilot light showing
heating pulses.
Multi-digital display shows
the set and read temperature
of each tool and air volume.
Technical Data
Dimensions:
240 x 270 x 105 mm (W x D x H)
Line Voltage:
230 V, 50 Hz
Power Input:
175 W
Safety Class:
1 and 3
Fuse:
Glass tube fuse Ø 5 x 20; T 800 mA located at the power entry module
Controlling Tolerance:
Soldering/Desoldering iron ± 2 % of the final value
Hot air pencil ± 30°C
Temperature Control with
zero Voltage cross switching:
Hot air pencil continuously 50°C– 550°C
Pump:
Max. low pressure 0,7 bar; max. conveyance 20 l/min
Hot air: max. 10 l/min
Potential Balance:
Via 3,5 mm switch jack socket on the back of the unit
Foot switch connector:
over adapter as accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com