Electronic Components Datasheet Search
  English  ▼

X  

DX110 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DX110
Description  Desoldering & Rework Stations
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DX110 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DX110 Datasheet HTML 6Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 7Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 8Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 9Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 10Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 11Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 12Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 13Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LR 21
005 33 112 99
10
Weller Flexibility.
Refer to the matrix to make your choice of connecting tools for the WMD 3, WMD 1A + D, WDD 161V,
WDD 81V + VIL and WAD 101 (see matrix page 2).
HAP 1 Hot air pencil
DSX 80 Desoldering iron and service kit
DXV 80 Desoldering iron
LR 21 Antistatic soldering pencil
LR 82 Antistatic soldering iron
WSP 80 Micro soldering pencil
WSP 80IG Inert Gas Soldering Iron
WSP 150 Soldering iron
The HAP 1, 100W/24V, provides a directional hot airflow
that is adjustable and static-free. Electronically tempera-
ture controlled from 50˚C to 550˚C. Different nozzles
available as accessories. Finger switch controls speed
adjustable pump. Hot air pencil set, consisting of HAP 1
with finger switch, KH 27 Support for pencil, nozzle 1,2
and 3,0 mm, key and nutdriver for nozzle changing.
An 80W/24V desoldering iron for electronics rework.
Electronically temperature controlled. Micro-finger switch
controls quick-start, fast action vacuum pump. Different
interchangeable tiplets, plus several CSF devices are avail-
able as accessories. DSX 80 set, consisting of DSX 80 Desol-
dering iron AK 20 Support, cleaning tool, glass collector,
two desoldering nozzles, gasbet, anti-bloc paste, filter.
Connectable to all 80W desoldering stations. Handle utili-
zes the nonreturnable tin collector to hold the extracted
solder. Use off thred less DX nozzles. DXV 80 set, consist-
ing of DXV 80 Desoldering iron, and Support for iron.
Electronically temperature controlled 50W/24V soldering
pencil. LR 21 set, consisting of LR 21 Antistatic soldering
pencil, KH 20 Support for pencil.
An 80W/24V soldering iron for high mass soldering.
Dual sensor, electronically temperature controlled. LR 82
set, consisting of LR 82 Antistatic soldering iron, KH 27
Support for iron.
A micro soldering pencil, 80W/24V. This soldering pencil
can be universally used in all situations from extremely
delicate soldering to those where there is a greater tem-
perature requirement. WSP 80 set, consisting of WSP 80
Micro soldering pencil with WPH 80 Support.
The WSP 150, 150W/24V, soldering iron was specially
developed for soldering tasks with extremely high heat
requirements. The 150 W heater power combined with
optimal transfer of heat to the soldering iron bit guaran-
tee the high performance capability of the soldering
iron. WSP 150 set, consisting of WSP 150 Soldering iron,
KH 27 Support for iron.
For use in applications when soldering under an atmos-
phere of inert gas is required (prevention of joint oxida-
tion). Driven from the WAD 101 station, inert gas is fed
through the heating element of the iron to envelop the
solder joint. The station controls the temperature of the
iron and regulates the volume of gas supplied.
HAP 1
005 33 114 99
DSX 80 (DS 80 UNC*)
005 33 138 99
(005 13 191 99)
LR 82
005 33 113 99
WSP 80
005 29 161 99
DXV 80
005 13 181 99
WSP 80IG
005 33 158 99
WSP 150
005 33 135 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com